Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12 Datasheet(PDF) 2 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 2 Page - Supertex, Inc

  PS12 Datasheet HTML 1Page - Supertex, Inc PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PS12
Ordering Information
Device
Package Option
16-Lead SOIC
PS12
PS12NG-G
-G indicates package is RoHS compliant (‘Green’)
Absolute Maximum Ratings
Parameter
Value
VIN1
-0.3V...+100V
PSA...PSD1
-0.3V...+100V
ON, OV1
-0.3V...+8V
ESD (all pins except VIN, PSA...PSD)2
±2kV
Operating ambient temperature
-40OC...+85OC
Operating junction temperature
-40OC...+125OC
Storage temperature
-65OC...+150OC
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these conditions is not implied. Continuous operation
of the device at the absolute rating level may affect device reliability. All voltages are
referenced to device ground.
Notes:
1. Referenced to VEE
2. HBM, 1.5kΩ, 100pF
Block Diagram
Thermal Resistance
Package
θ
ja
16-Lead SOIC
65K/W to 120K/W
(PCB Layout dependent)
VIN
R
AB
TBC
R
BC
TCD
R
CD
1.20 V
C
PUD
PUD
PD 1.20V
PU 1.00V
INTERNAL
VOLTAGE REGULATOR
CONTROL
LOGIC
TAB
OV
ON
PS12
12 µA
PU 1.20V
PD 1.00V
R
DC
TCB
R
CB
TBA
R
BA
TDC
PSD
PSC
PSB
PSA
VEE
Pin Configuration
1
3
2
4
5
6
7
16
14
15
13
12
11
10
NC
VIN
PSD
PSC
PSB
PSA
TBA
VEE
PUD
ON
OV
TAB
TBC
TCD
8
9
TDC
TCB
16-Lead SOIC
(top view)
Pin Configuration
Y = Last Digit of Year Sealed
WW = Week Sealed
L = Lot Number
C = Country of Origin
A = Assembler ID*
= “Green” Packaging
*May be part of top marking
Top Marking
Bottom Marking
PS12NG
YWW
LLLLLLLL
CCCCCCCCC AAA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com