Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12 Datasheet(PDF) 5 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 5 Page - Supertex, Inc

  PS12 Datasheet HTML 1Page - Supertex, Inc PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
PS12
Oscillograms
The figures of typical waveforms are organized in the following way:
Figure
Function
Description
1, 2, 3, 4
PS (A, B, C, D)
Power-up and power-down delays. Delay times around 5ms and 200ms.
5, 6
ON, PUD, PS (A, B, D)
ON pin detail. Fig.6. shows a power-down / power-up sequence.
7, 8
PUD, PS (A, B)
PUD pin detail; PSA is asserted when voltage at PUD pin about 1.2V.
PUD pin resets when PSB is deasserted.
9
OV, PUD, PS (A, B)
OV pin detail. Overvoltage returns to voltage window.
10
ON, PS (A, B, C)
Partial power-up sequence. Power-down triggered by loss of valid ON.
Fig.1
Fig.2
Fig.3
Fig.4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com