Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12 Datasheet(PDF) 1 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 1 Page - Supertex, Inc

  PS12 Datasheet HTML 1Page - Supertex, Inc PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PS12
Features
Power supply sequencer with four outputs
Power-up and power-down sequencing
Six programmable delays
Maximum 90V supply voltage
Input voltage window comparator
Low power supply current (500µA typical)
16-Lead SOIC Package
Applications
Reduction of transient current demand and
protection of sensitive loads
Telecom and networking systems
High voltage MEMS and display driver supplies
►
►
►
►
►
►
►
►
►
►
General Description
Many systems require that their power supplies are enabled
and disabled sequentially in order to reduce transient current
demand on the power bus, or to avoid damage to components
having multiple supply voltages such as microprocessors,
ASICs, MEMS drivers, etc.
The PS12 incorporates a power-up delay timer, a window
voltage comparator, 4 open drain enable outputs, and 6
enable delay timers. The enable delays are individually
programmable for both the power-up (ABCD) and the power-
down (DCBA) sequence.
Power-up and power-down are controlled by a window
comparator formed by the ON and OV voltage comparators.
V
IN voltage within the window initiates power-up; VIN voltage
outside of the window maintains or initiates power-down. The
power-up sequence may be interrupted while in progress. The
power-down sequence, once initiated, cannot be interrupted
until it is brought to completion.
Typical Application Circuit
Quad Power Sequencing Controller
ENA
11
+12V
8
R
DC
9
R
CB
10
R
BA
C
PUD
OUT
OUT
ENA
12
OUT
ENA
13
OUT
ENA
14
R
2
R
3
R
1
3
4
15
2
5
R
AB
6
R
BC
7
R
CD
1
+5V
CONVERTER
+3.3V
CONVERTER
+1.8V
CONVERTER
+12V
CONVERTER
PS12NG
TCB
TBA
PUD
PSD
PSC
PSB
PSA
TDC
OV
ON
TBC
TCD
TAB
VIN
VEE


Similar Part No. - PS12

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
PS12 DBLECTRO-PS12 Datasheet
365Kb / 2P
Monostable or bistable relays Single and double Coil magnet latching Type available
logo
Systemsensor advanced i...
PS12 SYSTEMSENSOR-PS12 Datasheet
238Kb / 4P
Signaling Strobe and Sounder
logo
PANDUIT CORP.
PS12 PANDUIT-PS12 Datasheet
37Kb / 1P
NON-INSULATED PARALLEL SPLICE
logo
GOOD-ARK Electronics
PS12 GOOD-ARK-PS12 Datasheet
447Kb / 4P
Surface Mount Schottky Rectifier
logo
Tyco Electronics
PS12-1W MACOM-PS12-1W Datasheet
98Kb / 2P
PS12 Series High Performance Solid State Relays
More results

Similar Description - PS12

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMH4804 SUMMIT-SMH4804 Datasheet
592Kb / 41P
-48V Programmable Hot Swap Sequencing Power Controller
logo
Supertex, Inc
PS10 SUTEX-PS10 Datasheet
271Kb / 13P
Quad Power Sequencing Controller
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123_07 Datasheet
502Kb / 21P
Power Sequencing Controllers
February 5, 2007
logo
Lattice Semiconductor
ISPPAC-POWR604 LATTICE-ISPPAC-POWR604 Datasheet
266Kb / 29P
In-System Programmable Power Supply Sequencing Controller and Monitor
logo
Intersil Corporation
ISL6123 INTERSIL-ISL6123 Datasheet
516Kb / 23P
Power Sequencing Controllers
August 25, 2011
ISL8723 INTERSIL-ISL8723 Datasheet
301Kb / 14P
Power Sequencing Controllers
April 22, 2009
ISL6123 INTERSIL-ISL6123_11 Datasheet
747Kb / 23P
Power Sequencing Controllers
August 25, 2011
logo
Supertex, Inc
PS10NG SUTEX-PS10NG Datasheet
652Kb / 9P
Quad Power Sequencing Controller
logo
Altera Corporation
ES1021QI ALTERA-ES1021QI Datasheet
904Kb / 14P
Power Sequencing Controller
logo
Renesas Technology Corp
ISL8723 RENESAS-ISL8723 Datasheet
663Kb / 14P
Power Sequencing Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com