Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS12 Datasheet(PDF) 4 Page - Supertex, Inc

Part # PS12
Description  Quad Power Sequencing Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

PS12 Datasheet(HTML) 4 Page - Supertex, Inc

  PS12 Datasheet HTML 1Page - Supertex, Inc PS12 Datasheet HTML 2Page - Supertex, Inc PS12 Datasheet HTML 3Page - Supertex, Inc PS12 Datasheet HTML 4Page - Supertex, Inc PS12 Datasheet HTML 5Page - Supertex, Inc PS12 Datasheet HTML 6Page - Supertex, Inc PS12 Datasheet HTML 7Page - Supertex, Inc PS12 Datasheet HTML 8Page - Supertex, Inc PS12 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
PS12
Pin #
Function
Description
15
VIN
Power supply pins.
VIN positive with respect to VEE.
The outputs PSA thru PSD are pulled to a logic low state upon application of power.
1
VEE
2PUD
Hookup pin for the power-up-delay (PUD) timing capacitor.
Pin pulls capacitor to ground upon application of power. (See timing diagram)
3
ON
Input pin of the ON comparator. Rising transition initiates power-up sequence.
4
OV
Input pin of the OV comparator. Rising transition initiates the power-down sequence.
5TAB
Hookup pins for timing resistors.
On power-up, the resistor at TAB determines the delay between the rising transitions of PSA and
PSB; similarly, TBC relates to ( PSB / PSC ), and TCD to ( PSC / PSD ).
On power-down, the resistor at TDC determines the delay between the falling transitions of PSD
and PSC; similarly, TCB relates to ( PSC / PSB ), and TBA to ( PSB / PSA ).
6TBC
7TCD
8
TDC
9TCB
10
TBA
11
PSA
Power supply enable output pins.
These four pins control loads, such as DC/DC converter modules, load switches, ICs, etc.
Configured with open drain output stages.
On power-up, right after expiration of the PUD delay, the sequencer asserts PSA, and subsequently
asserts PSB, PSC and PSD observing the delays, programmed by the (TAB, TBC, and TCD)
pins.
On power-down, the sequencer deasserts PSD, and subsequently deasserts PSC, PSB, and PSA
observing the delays, programmed by the (TAB, TBC, and TCD) pins.
12
PSB
13
PSC
14
PSD
16
NC
No connect
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com