Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DDFR Datasheet(PDF) 18 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 18 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 14Page - Texas Instruments LSF0102DDFR Datasheet HTML 15Page - Texas Instruments LSF0102DDFR Datasheet HTML 16Page - Texas Instruments LSF0102DDFR Datasheet HTML 17Page - Texas Instruments LSF0102DDFR Datasheet HTML 18Page - Texas Instruments LSF0102DDFR Datasheet HTML 19Page - Texas Instruments LSF0102DDFR Datasheet HTML 20Page - Texas Instruments LSF0102DDFR Datasheet HTML 21Page - Texas Instruments LSF0102DDFR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
8.2.4 Voltage Translation for Vref_B < Vref_A + 0.8V
As described in the Enable, Disable, and Reference Voltage Guidelines section, it is generally recommended
that Vref_B > Vref_A + 0.8V; however, the device can still operate in the condition where Vref_B < Vref_A + 0.8V as
long as additional considerations are made for the design.
Typical Operation (Vref_B > Vref_A + 0.8V): in this scenario, pullup resistors are not required on the A-side for
proper down-translation. When down translating from B to A, the A-side I/O ports will clamp at Vref_A to provide
proper voltage translation. For further explanation of device operation, see the Down Translation with the LSF
Family video.
Requirements for Vref_B < Vref_A + 0.8V Operation: in this scenario, there is not a large enough voltage
difference between Vref_A and Vref_B to ensure that the A side I/O ports will be clamped at Vref_A, but rather at
a voltage approximately equal to Vref_B – 0.8V. For example, if Vref_B = 1.8V and Vref_A = 1.2V, the A-side I/Os
will clamp to a voltage around 1.0V. Therefore, to operate in such a condition, the following additional design
considerations must be met:
• Vref_B must be greater than VRef_A during operation (Vref_B > Vref_A)
• Pullup resistors should be populated on A-side I/O ports for the line to be fully pulled up to the desired
voltage.
Figure 8-6 shows an example of this setup, where 1.2V ↔ 1.8V translation is achieved with the LSF0102. This
type of setup also applies for other voltage nodes such as 1.8V ↔ 2.5V, 1.05V ↔ 1.5V, and others as long as the
Recommended Operating Conditions table is followed.
1.8 V
SW
SW
1.8 V Device
1.2 V Device
200 kΩ
Vref_B
RPU(B1)
Vref_A
1.2 V
RPU(B2)
EN
B1
B2
A2
A1
RPU(A2)
RPU(A1)
0.1 μF
Figure 8-6. 1.2V to 1.8V Level Translation with LSF010x
8.3 Power Supply Recommendations
There are no power sequence requirements for the LSF family. Table 8-4 provides recommended operating
voltages for all supply and input pins.
Table 8-4. Recommended Operating Voltages
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A (1)
reference voltage (A)
0.9
5.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.5
V
VPU
pull-up supply voltage
0
Vref_B
V
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com