Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DDFR Datasheet(PDF) 3 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 3 Page - Texas Instruments

  LSF0102DDFR Datasheet HTML 1Page - Texas Instruments LSF0102DDFR Datasheet HTML 2Page - Texas Instruments LSF0102DDFR Datasheet HTML 3Page - Texas Instruments LSF0102DDFR Datasheet HTML 4Page - Texas Instruments LSF0102DDFR Datasheet HTML 5Page - Texas Instruments LSF0102DDFR Datasheet HTML 6Page - Texas Instruments LSF0102DDFR Datasheet HTML 7Page - Texas Instruments LSF0102DDFR Datasheet HTML 8Page - Texas Instruments LSF0102DDFR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
4 Pin Configuration and Functions
Pinout drawings are not to scale
Figure 4-1. LSF0102 DCT, DCU or DDF Package,
8-Pin SM8, VSSOP, or SOT-23 (Top View)
Figure 4-2. LSF0102 DQE Package, 8-Pin X2SON
(Transparent Top View)
A1
B2
A2
Vref_A
Vref_B
GND
EN
B1
1
2
3
4
5
6
7
8
Figure 4-3. LSF0102 DTM Package, 8-Pin X2SON (Transparent Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
An
3, 4
I/O
Auto-Bidirectional Data port
Bn
6, 5
I/O
EN
8
I
Enable input; connect to Vref_B and pull-up through a high resistor (200kΩ). See Using the Enable
Pin with the LSF Family
GND
1
—
Ground
Vref_A
2
—
Reference supply voltage.
For proper device biasing, see Section 8 and Understanding the Bias Circuit for the LSF Family.
Vref_B
7
—
(1)
I= input, O = output
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com