Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DDFR Datasheet(PDF) 9 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 5Page - Texas Instruments LSF0102DDFR Datasheet HTML 6Page - Texas Instruments LSF0102DDFR Datasheet HTML 7Page - Texas Instruments LSF0102DDFR Datasheet HTML 8Page - Texas Instruments LSF0102DDFR Datasheet HTML 9Page - Texas Instruments LSF0102DDFR Datasheet HTML 10Page - Texas Instruments LSF0102DDFR Datasheet HTML 11Page - Texas Instruments LSF0102DDFR Datasheet HTML 12Page - Texas Instruments LSF0102DDFR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
7 Detailed Description
7.1 Overview
The LSF family can be used in level-translation applications for interfacing devices or systems operating with
one another that operate at different interface voltages. The LSF family is ideal for use in applications where an
open-drain driver is connected to the data I/Os. With appropriate pull-up resistors and layout, LSF can achieve
100MHz. The LSF family can also be used in applications where a push-pull driver is connected to the data I/Os.
For an overview of device setup and operation, see The Logic Minute training series on Understanding the LSF
Family of Bidirectional, Multi-Voltage Level Translators.
7.2 Functional Block Diagram
VREFA
2
7
VREFB
SW
EN
8
B1
SW
A1
B2
A2
3
4
6
5
GND
1
7.3 Feature Description
7.3.1 Auto Bidirectional Voltage Translation
The device is an auto bidirectional voltage level translator that is operational from 0.95 to 5.5V on Vref_A and 1.8
to 5.5V on Vref_B. This allows bidirectional voltage translation between 0.95V and 5.5V without the need for a
direction pin in open-drain or push-pull applications. The LSF family supports level translation applications with
transmission speeds greater than 100 Mbps for open-drain systems using a 30-pF capacitance and 250-Ω pullup
resistor. Both the output driver of the controller and the peripheral device output can be push-pull or open-drain
(pull-up resistors may be required). In both up and down translation, the B-side is often referred to as the high
side and refers to devices connected to the B ports. The A-side can be referred to as the low side.
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com