Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DDFR Datasheet(PDF) 13 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 9Page - Texas Instruments LSF0102DDFR Datasheet HTML 10Page - Texas Instruments LSF0102DDFR Datasheet HTML 11Page - Texas Instruments LSF0102DDFR Datasheet HTML 12Page - Texas Instruments LSF0102DDFR Datasheet HTML 13Page - Texas Instruments LSF0102DDFR Datasheet HTML 14Page - Texas Instruments LSF0102DDFR Datasheet HTML 15Page - Texas Instruments LSF0102DDFR Datasheet HTML 16Page - Texas Instruments LSF0102DDFR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
8.2.1.1 Design Requirements
8.2.1.1.1 Enable, Disable, and Reference Voltage Guidelines
In the previous figure, Vref_B is connected through a 200kΩ resistor to a 3.3V power supply and Vref_A is set to
1.8V. The A1 and A2 channels have a maximum output voltage equal to Vref_A and the B1 and B2 channels have
has a maximum output voltage equal to VPU.
The LSF family has an EN input that is used to disable the device by setting EN LOW, placing all I/Os
in the high-impedance state. Since the LSF family of devices are switch-type voltage translators, the power
consumption is very low. TI recommends always enabling the LSF family for bidirectional applications (I2C,
SMBus, PMBus, or MDIO).
Table 8-2. Application Operating Condition
PARAMETER
MIN
TYP
MAX
UNIT
Vref_A (1)
reference voltage (A)
0.9
5.5
V
Vref_B
reference voltage (B)
Vref_A + 0.8
5.5
V
VI(EN)
input voltage on EN pin
Vref_A + 0.8
5.5
V
VPU
pull-up supply voltage
0
Vref_B
V
(1)
Vref_A is required to be the lowest voltage level across all inputs and outputs.
Note
The 200kΩ, bias resistor is required to allow Vref_B to regulate the EN input and properly bias the
device for translation.
8.2.1.1.2 Bias Circuitry
For proper operation, VCCA must always be at least 0.8V less than VCCB (VCCA + 0.8 ≦ VCCB). The 200kΩ bias
resistor is required to allow Vref_B to regulate the EN input and properly bias the device for translation. A 0.1 µF
capacitor is recommended for providing a path from Vref_B to ground for high frequency noise. Vref_B and VI(EN)
are recommended to be 1.0V higher than Vref_A for best signal integrity.
Attempting to drive the EN pin directly with a push-pull output device is a very common design error with the
LSF0102 series of devices. It is also very important to note that current does flow into the A-side voltage supply
during normal operation. Not all voltage sources can sink current, so be sure that applicable designs can handle
this current. For more design details, see the Understanding the Bias Circuit for the LSF Family video.
1.8 V
Vref_A
VCCB
EN
200 kΩ
Vref_B
3.3 V
A1
B1
0.1 µF
Figure 8-2. Bias Circuitry Inside the LSF010x Device
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com