Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102DDFR Datasheet(PDF) 19 Page - Texas Instruments

Part # LSF0102DDFR
Description  LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0102DDFR Datasheet(HTML) 19 Page - Texas Instruments

Back Button LSF0102DDFR Datasheet HTML 15Page - Texas Instruments LSF0102DDFR Datasheet HTML 16Page - Texas Instruments LSF0102DDFR Datasheet HTML 17Page - Texas Instruments LSF0102DDFR Datasheet HTML 18Page - Texas Instruments LSF0102DDFR Datasheet HTML 19Page - Texas Instruments LSF0102DDFR Datasheet HTML 20Page - Texas Instruments LSF0102DDFR Datasheet HTML 21Page - Texas Instruments LSF0102DDFR Datasheet HTML 22Page - Texas Instruments LSF0102DDFR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
8.4 Layout
8.4.1 Layout Guidelines
Because the LSF family is a switch-type level translator, the signal integrity is highly related with a pull-up
resistor and PCB capacitance condition.
• Short signal trace as possible to reduce capacitance and minimize stub from pull-up resistor.
• Place LSF device close to the high voltage side.
• Select the appropriate pull-up resistor that applies to translation levels and driving capability of the
transmitter.
8.4.2 Layout Example
LSF010x
1
GND
8
EN
2
Vref_A
7
Vref_B
3
A1
6
B1
4
A2
5
B2
Minimize Stub as possible
Short Signal Trace as possible
Figure 8-7. Short Trace Layout
Device PCB
TP1
SD Controller
(1.8 V IO)
TP2
LSF0108
SDIO level translator
SDIO Connnector
(3.3 V IO)
LSF010x
Figure 8-8. Device Placement
www.ti.com
LSF0102
SDLS972B – APRIL 2023 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LSF0102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com