Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CP-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # SSM2211CP-R2
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button SSM2211CP-R2 Datasheet HTML 7Page - Analog Devices SSM2211CP-R2 Datasheet HTML 8Page - Analog Devices SSM2211CP-R2 Datasheet HTML 9Page - Analog Devices SSM2211CP-R2 Datasheet HTML 10Page - Analog Devices SSM2211CP-R2 Datasheet HTML 11Page - Analog Devices SSM2211CP-R2 Datasheet HTML 12Page - Analog Devices SSM2211CP-R2 Datasheet HTML 13Page - Analog Devices SSM2211CP-R2 Datasheet HTML 14Page - Analog Devices SSM2211CP-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
SSM2211
Rev. D | Page 11 of 24
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20Hz
CB = 0.1μF
VDD = 2.7V
VDD = 5V
VDD = 3.3V
Figure 28. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
TA = 25°C
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 1kHz
CB = 0.1μF
VDD = 2.7V
VDD = 5V
VDD = 3.3V
Figure 29. THD + N vs. POUTPUT
POUTPUT (W)
10
1
0.01
20n
0.1
2
0.1
1
VDD = 2.7V
VDD = 5V
VDD = 3.3V
TA = 25°C
AVD = 2 (BTL)
RL = 8Ω
FREQUENCY = 20kHz
CB = 0.1μF
Figure 30. THD + N vs. POUTPUT
AMBIENT TEMPERATURE (
°C)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
–40 –30 –20 –10 0
10
30
70
20
40 50 60
90
80
110
100
120
TJ,MAX = 150°C
FREE AIR, NO HEAT SINK
SOIC
θJA = 121°C/W
LFCSP
θJA = 50°C/W
8-LEAD SOIC
8-LEAD LFCSP
Figure 31. Maximum Power Dissipation vs. Ambient Temperature
SHUTDOWN VOLTAGE AT PIN 1 (V)
10k
8k
0
05
12
3
4
6k
4k
2k
TA = 25°C
VDD = 5V
Figure 32. Supply Current vs. Shutdown Voltage at Pin 1
SUPPLY VOLTAGE (V)
14
0
01
6
23
4
5
12
10
8
4
2
6
TA = 25°C
RL = OPEN
Figure 33. Supply Current vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com