Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CP-R2 Datasheet(PDF) 14 Page - Analog Devices

Part # SSM2211CP-R2
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-R2 Datasheet(HTML) 14 Page - Analog Devices

Back Button SSM2211CP-R2 Datasheet HTML 10Page - Analog Devices SSM2211CP-R2 Datasheet HTML 11Page - Analog Devices SSM2211CP-R2 Datasheet HTML 12Page - Analog Devices SSM2211CP-R2 Datasheet HTML 13Page - Analog Devices SSM2211CP-R2 Datasheet HTML 14Page - Analog Devices SSM2211CP-R2 Datasheet HTML 15Page - Analog Devices SSM2211CP-R2 Datasheet HTML 16Page - Analog Devices SSM2211CP-R2 Datasheet HTML 17Page - Analog Devices SSM2211CP-R2 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
SSM2211
Rev. D | Page 14 of 24
PRODUCT OVERVIEW
The SSM2211 is a low distortion speaker amplifier that can run
from a 2.7 V to 5.5 V supply. It consists of a rail-to-rail input
and a differential output that can be driven within 400 mV of
either supply rail while supplying a sustained output current of
350 mA. The SSM2211 is unity-gain stable, requiring no
external compensation capacitors, and can be configured for
gains of up to 40 dB. Figure 41 shows the simplified schematic.
4
3
SHUTDOWN
VO1
VDD
A2
A1
2
VIN
20k
Ω
20k
Ω
50k
Ω
0.1
μF
7
8
5
6
SSM2211
50k
Ω
50k
Ω
50k
Ω
VO2
BIAS
CONTROL
1
Figure 41. Simplified Schematic
Pin 4 and Pin 3 are the inverting and noninverting terminals
to A1. An offset voltage is provided at Pin 2, which should be
connected to Pin 3 for use in single-supply applications. The
output of A1 appears at Pin 5. A second operational amplifier,
A2, is configured with a fixed gain of AV = −1 and produces an
inverted replica of Pin 5 at Pin 8. The SSM2211 outputs at Pin 5
and Pin 8 produce a bridged configuration output to which a
speaker can be connected. This bridge configuration offers the
advantage of a more efficient power transfer from the input to
the speaker. Because both outputs are symmetric, the dc bias at
Pin 5 and Pin 8 are exactly equal, resulting in zero dc differ-
ential voltage across the outputs. This eliminates the need for a
coupling capacitor at the output.
THERMAL PERFORMANCE—LFCSP
The addition of the LFCSP to the Analog Devices, Inc., package
portfolio offers the SSM2211 user even greater choice when
considering thermal performance criteria. For the 8-lead,
3 mm × 3 mm LFCSP, the θJA is 50°C/W. This is a significant
performance improvement over most other packaging options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com