Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CP-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2211CP-R2
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-R2 Datasheet(HTML) 1 Page - Analog Devices

  SSM2211CP-R2 Datasheet HTML 1Page - Analog Devices SSM2211CP-R2 Datasheet HTML 2Page - Analog Devices SSM2211CP-R2 Datasheet HTML 3Page - Analog Devices SSM2211CP-R2 Datasheet HTML 4Page - Analog Devices SSM2211CP-R2 Datasheet HTML 5Page - Analog Devices SSM2211CP-R2 Datasheet HTML 6Page - Analog Devices SSM2211CP-R2 Datasheet HTML 7Page - Analog Devices SSM2211CP-R2 Datasheet HTML 8Page - Analog Devices SSM2211CP-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Distortion, 1.5 W Audio
Power Amplifier
SSM2211
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
1.5 W output1
Differential (BTL2) output
Single-supply operation: 2.7 V to 5.5 V
Functions down to 1.75 V
Wide bandwidth: 4 MHz
Highly stable phase margin: >80 degrees
Low distortion: 0.2% THD + N @ 1 W output
Excellent power supply rejection
APPLICATIONS
Portable computers
Personal wireless communicators
Hands-free telephones
Speaker phones
Intercoms
Musical toys and talking games
FUNCTIONAL BLOCK DIAGRAM
VOUTB
IN–
IN+
SHUTDOWN
BYPASS
VOUTA
V– (GND)
BIAS
SSM2211
Figure 1.
GENERAL DESCRIPTION
The SSM22113 is a high performance audio amplifier that
delivers 1 W rms of low distortion audio power into a bridge-
connected 8 Ω speaker load (or 1.5 W rms into a 4 Ω load).
It operates over a wide temperature range and is specified for
single-supply voltages between 2.7 V and 5.5 V. When oper-
ating from batteries, it continues to operate down to 1.75 V.
This makes the SSM2211 the best choice for unregulated
applications, such as toys and games. Featuring a 4 MHz
bandwidth and distortion below 0.2% THD + N @ 1 W,
superior performance is delivered at higher power or lower
speaker load impedance than competitive units.
The low differential dc output voltage results in negligible
losses in the speaker winding and makes high value dc blocking
capacitors unnecessary. Battery life is extended by using
shutdown mode, which typically reduces quiescent current
drain to 100 nA.
The SSM2211 is designed to operate over the –40°C to +85°C
temperature range. The SSM2211 is available in 8-lead SOIC
(narrow body) and LFCSP (lead frame chip scale) surface-
mount packages. The advanced mechanical packaging of the
LFCSP models ensures lower chip temperature and enhanced
performance relative to standard packaging options.
Applications include personal portable computers, hands-free
telephones and transceivers, talking toys, intercom systems, and
other low voltage audio systems requiring 1 W output power.
1 At RL = 4 Ω, TA = 25°C, THD + N < 1%, VS = 5 V, 4-layer PCB.
2 Bridge-tied load.
3 Protected by U.S. Patent No. 5,519,576.


Similar Part No. - SSM2211CP-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2211CPZ-REEL AD-SSM2211CPZ-REEL Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
SSM2211CPZ-REEL7 AD-SSM2211CPZ-REEL7 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
More results

Similar Description - SSM2211CP-R2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA2611A PHILIPS-TDA2611A Datasheet
251Kb / 13P
5 W audio power amplifier
November 1982
TDA8542AT PHILIPS-TDA8542AT Datasheet
207Kb / 20P
2 x 1.5 W BTL audio amplifier
1998 Mar 25
logo
Texas Instruments
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Analog Devices
SSM2211 AD-SSM2211 Datasheet
212Kb / 16P
Low Distortion 1.5 Watt Audio Power Amplifier
REV.0
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
1.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2032 EUTECH-EUA2032 Datasheet
155Kb / 1P
Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
logo
Analog Devices
SSM2211 AD-SSM2211_15 Datasheet
383Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
Rev. F
logo
Texas Instruments
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCS2211 ONSEMI-NCS2211_14 Datasheet
130Kb / 11P
Low Distortion Audio Power Amplifier
May, 2014 ??Rev. 3
logo
Analog Devices
SSM2211 AD-SSM2211_16 Datasheet
492Kb / 24P
Low Distortion, 1.5 W Audio Power Amplifier
5/16-Rev. F to Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com