Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CP-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # SSM2211CP-R2
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button SSM2211CP-R2 Datasheet HTML 9Page - Analog Devices SSM2211CP-R2 Datasheet HTML 10Page - Analog Devices SSM2211CP-R2 Datasheet HTML 11Page - Analog Devices SSM2211CP-R2 Datasheet HTML 12Page - Analog Devices SSM2211CP-R2 Datasheet HTML 13Page - Analog Devices SSM2211CP-R2 Datasheet HTML 14Page - Analog Devices SSM2211CP-R2 Datasheet HTML 15Page - Analog Devices SSM2211CP-R2 Datasheet HTML 16Page - Analog Devices SSM2211CP-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
SSM2211
Rev. D | Page 13 of 24
OUTPUT OFFSET VOLTAGE (mV)
20
16
0
–30
–20
30
–10
0
10
20
12
8
4
V DD = 3.3V
SAMPLE SIZE = 300
VDD = 5V
SAMPLE SIZE = 300
Figure 38. Output Offset Voltage Distribution
SUPPLY CURRENT (mA)
600
300
0
6
7
8
9
10
11
12
13
14
15
500
400
200
100
VDD = 5V
SAMPLE SIZE = 1,700
Figure 39. Supply Current Distribution
FREQUENCY (Hz)
–70
20
100
30k
1k
10k
TA = 25°C
VDD = 5V ± 100mV
CB = 15μF
AVD = 2
–65
–60
–55
–50
Figure 40. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com