Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2211CP-R2 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM2211CP-R2
Description  Low Distortion, 1.5 W Audio Power Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2211CP-R2 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM2211CP-R2 Datasheet HTML 15Page - Analog Devices SSM2211CP-R2 Datasheet HTML 16Page - Analog Devices SSM2211CP-R2 Datasheet HTML 17Page - Analog Devices SSM2211CP-R2 Datasheet HTML 18Page - Analog Devices SSM2211CP-R2 Datasheet HTML 19Page - Analog Devices SSM2211CP-R2 Datasheet HTML 20Page - Analog Devices SSM2211CP-R2 Datasheet HTML 21Page - Analog Devices SSM2211CP-R2 Datasheet HTML 22Page - Analog Devices SSM2211CP-R2 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
SSM2211
Rev. D | Page 19 of 24
voltage reference. The extra supply voltage also allows the
SSM2211 to reproduce peaks in excess of 1 W without clipping
the signal. With VDD = 5 V and RL = 8 Ω, Equation 9 shows that
the maximum power dissipation for the SSM2211 is 633 mW.
From the power derating curve in Figure 31, the ambient
temperature must be less than 73°C for the SOIC and 118°C for
the LFCSP.
The required gain of the amplifier can be determined from
Equation 17 as
8
.
2
=
×
=
rms
IN,
L
L
V
V
R
P
A
(17)
From Equation 1
2
V
I
F
A
R
R =
or RF = 1.4 × RI. Because the desired input impedance is 20 kΩ,
RI = 20 kΩ and R2 = 28 kΩ.
The final design step is to select the input capacitor. When
adding an input capacitor, CC, to create a high-pass filter, the
corner frequency needs to be far enough away for the design to
meet the bandwidth criteria. For a first-order filter to achieve a
pass-band response within 0.25 dB, the corner frequency must
be at least 4.14× away from the pass-band frequency. So, (4.14 ×
fHP) < 20 Hz. Using Equation 2, the minimum size of input
capacitor can be found.
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
>
14
4
Hz
20
kΩ
20
π
2
1
.
C
C
(18)
Therefore, CC > 1.65 μF. Using a 2.2 μF is a practical choice for CC.
The gain bandwidth product for each internal amplifier in the
SSM2211 is 4 MHz. Because 4 MHz is much greater than
4.14 × 20 kHz, the design meets the upper frequency bandwidth
criteria. The SSM2211 can also be configured for higher
differential gains without running into bandwidth limitations.
Equation 16 shows an appropriate value for CB to reduce start-
up popping noise.
(
)(
)
μF
76
1
kΩ
25
kΩ
20
μF
2
2
.
.
C
B
=
>
(19)
Selecting CB to be 2.2 μF for a practical value of capacitor
minimizes start-up popping noise.
To summarize the final design:
VDD
5 V
R1
20 kΩ
RF
28 kΩ
C
SINGLE-ENDED APPLICATIONS
There are applications in which driving a speaker differentially is
not practical, for example, a pair of stereo speakers where the
minus terminal of both speakers is connected to ground. Figure 48
shows how this can be accomplished.
SSM2211
5V
2
7
1
8
5
6
4
3
0.47
μF
470
μF +
–
+
–
10k
Ω
10k
Ω
250mW
SPEAKER
(8
Ω)
AUDIO
INPUT
0.1
μF
SSM2211
5V
2
7
1
8
5
6
4
3
0.47
μF
470
μF +
–
+
–
10k
Ω
10k
Ω
250mW
SPEAKER
(8
Ω)
AUDIO
INPUT
0.1
μF
Figure 48. Single-Ended Output Application
It is not necessary to connect a dummy load to the unused
output to help stabilize the output. The 470 μF coupling
capacitor creates a high-pass frequency cutoff of 42 Hz, as given
in Equation 4, which is acceptable for most computer speaker
applications. The overall gain for a single-ended output
configuration is AV = RF/R1, which for this example is equal to 1.
DRIVING TWO SPEAKERS SINGLE ENDEDLY
It is possible to drive two speakers single endedly with both
outputs of the SSM2211.
SSM2211
5V
2
7
1
8
5
6
4
3
1
μF
470
μF +
–
+
–
20k
Ω
20k
Ω
RIGHT
SPEAKER
(8
Ω)
AUDIO
INPUT
0.1
μF
470
μF
LEFT
SPEAKER
(8
Ω)
Figure 49. SSM2211 Used as a Dual-Speaker Amplifier
Each speaker is driven by a single-ended output. The trade-off
is that only 250 mW of sustained power can be put into each
speaker. Also, a coupling capacitor must be connected in series
with each of the speakers to prevent large dc currents from
flowing through the 8 Ω speakers. These coupling capacitors
produce a high-pass filter with a corner frequency given by
Equation 4. For a speaker load of 8 Ω and a coupling capacitor
of 470 μF, this results in a −3 dB frequency of 42 Hz.
Because the power of a single-ended output is one-quarter that
of a bridged output, both speakers together are still half as loud
(−6 dB SPL) as a single speaker driven with a bridged output.
C
2.2 μF
CB
2.2 μF
TA, MAX
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com