Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 26Page - Texas Instruments TMS320DM355 Datasheet HTML 27Page - Texas Instruments TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 153 page
background image
www.ti.com
2.4.8
Audio Interfaces
2.4.9
UART Interface
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
The DM355 includes two Audio Serial Ports (ASP ports), which are backward compatible with other TI
ASP serial ports and provide I2S audio interface. One interface is multiplexed with GIO signals.
Table 2-14. ASP Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
ASP0_CL
ASP0: Receive Clock
KR/
F17
I/O/Z
VDD
GIO: GIO[026]
GIO26
ASP0_CL
ASP0: Transmit Clock
KX /
F18
I/O/Z
VDD
GIO: GIO[029]
GIO029
ASP0_DR
ASP0: Receive DataF
/
E18
I/O/Z
VDD
GIO: GIO[027]
GIO027
ASP0_DX
ASP0: Transmit Data
/
H15
I/O/Z
VDD
GIO: GIO[030]
GIO030
ASP0_FS
ASP0: Receive Frame Synch
R /
F16
I/O/Z
VDD
GIO: GIO[025]
GIO025
ASP0_FS
X /
G17
I/O/Z
VDD
ASP0: Transmit Frame SynchGIO: GIO[028]
GIO028
ASP1_CL
D18
I/O/Z
VDD
ASP1: Receive Clock
KR
ASP1_CL
D17
I/Z
VDD
ASP1: Master Clock
KS
ASP1_CL
D19
I/O/Z
VDD
ASP1: Transmit Clock
KX
ASP1_DR
C19
I/O/Z
VDD
ASP1: Receive Data
ASP1_DX
C18
I/O/Z
VDD
ASP1: Transmit Data
ASP1_FS
E17
I/O/Z
VDD
ASP1: Receive Frame Synch
R
ASP1_FS
E16
I/O/Z
VDD
ASP1: Transmit Frame Sync
X
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
The includes three UART ports. These ports are multiplexed with GIO and other signals.
Table 2-15. UART Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
UART0_RXD
U18
I
VDD
UART0: Receive data. Used for UART boot mode
UART0_TXD
T18
O
VDD
UART0: Transmit data. Used for UART boot mode
UART1_RXD
UART1: Receive data.
R15
I/O/Z
VDD
GIO013
GIO: GIO013
UART1_TXD
UART1: Transmit data.
R17
I/O/Z
VDD
GIO012
GIO: GIO012
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Device Overview
30
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com