Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 95 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 91Page - Texas Instruments TMS320DM355 Datasheet HTML 92Page - Texas Instruments TMS320DM355 Datasheet HTML 93Page - Texas Instruments TMS320DM355 Datasheet HTML 94Page - Texas Instruments TMS320DM355 Datasheet HTML 95Page - Texas Instruments TMS320DM355 Datasheet HTML 96Page - Texas Instruments TMS320DM355 Datasheet HTML 97Page - Texas Instruments TMS320DM355 Datasheet HTML 98Page - Texas Instruments TMS320DM355 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 153 page
background image
www.ti.com
5.2 Recommended Clock and Control Signal Transition Behavior
5.3 Power Supplies
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
All clocks and control signals should transition between VIH and VIL (or between VIL and VIH) in a
monotonic manner.
The power supplies of DM355 are summarized in Table 5-1.
Table 5-1. Power Supplies
Customer Tolerance Package
Chip Plane
Description
Comments
Board
Plane
Name
Supply
1.3 V
±5%
1.3 V
CVDD
Core VDD
VDDA_PLL1
PLL1 VDDA
VDDA_PLL2
PLL2 VDDA
VDDD13_USB
USB 1.3 V supply
VDDA13_USB
USB 1.3 V supply
3.3 V
±5%
3.3 V
VDD
IO VDD for LVCMOS
VDDSHV
VDD
IO VDD for MXI/O1
VDDSHV
VDD
IO VDD for MXI/O2
VDDSHV1
VDD
IO VDD for ISB DRVVBUS
VDDSHV2
VDDA33_DDRDLL
DDR DLL analog VDD
VDDA33_USB
Analog 3.3 V power USB PHY
VDDA33_USB_PLL
Common mode 3.3 V power for USB
PHY (PLL)
VDD
IO VDD for peripherals
3.3 V
±5%
3.3 V
VDD_VIN
IO VDD for VideoIN I/F
VDD_VOUT
IO VDD for VideoOUT I/F
1.8 V
±5%
1.8 V
VDD_DDR
1.8 V
±5%
1.8 V
VDDA18
Analog 1.8 V power
1.8 V
±5%
1.8 V
VDDA18_DAC
Place decoupling caps (0.1
μF/10μf) close
to chip
0 V
n/a
0 V
VSS_MX1
Connect to external crystal capacitor
ground
0 V
n/a
0 V
VSS_MX2
Connect to external crystal capacitor
ground
0 V
n/a
0 V
VSS
Chip ground
USB ESD ground
ground
VSS
0 V
n/a
0 V
VSSA
ground
Keep separate from digital ground VSS
0 V
n/a
0 V
VSA_PLL1
PLL1 VSSA
0 V
n/a
0 V
VSSA_PLL2
PLL2 VSSA
0 V
n/a
0 V
VSSA_DLL
DLL ground
0 V
n/a
0 V
VSS_USB
USB ground
VSSA13_USB
VSSA13_USB
VSSA33_USB
VSSA33_USB_PLL
0 V
n/a
0 V
VSS_USB_REF
USB PHY reference ground
VSSREF
0 V
n/a
0 V
VSSA_DAC
DAC ground
Keep separate from digital ground VSS
VDDS*0.5
VDDS*0.5 VREFSSTL
DRR ref voltage
VDDS divided by 2, through board resistors
5 V
5 V
USB_VBUS
VBUS
Connect to external charge pump
Submit Documentation Feedback
Peripheral Information and Electrical Specifications
95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com