Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 1 Page - Texas Instruments

  TMS320DM355 Datasheet HTML 1Page - Texas Instruments TMS320DM355 Datasheet HTML 2Page - Texas Instruments TMS320DM355 Datasheet HTML 3Page - Texas Instruments TMS320DM355 Datasheet HTML 4Page - Texas Instruments TMS320DM355 Datasheet HTML 5Page - Texas Instruments TMS320DM355 Datasheet HTML 6Page - Texas Instruments TMS320DM355 Datasheet HTML 7Page - Texas Instruments TMS320DM355 Datasheet HTML 8Page - Texas Instruments TMS320DM355 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 153 page
background image
www.ti.com
1
TMS320DM355 Digital Media System-on-Chip (DMSoC)
1.1 Features
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
encoder
• High-Performance Digital Media
System-on-Chip
• External Memory Interfaces (EMIFs)
–
216- and 270-MHz ARM926EJ-S Clock Rate
–
DDR2 and mDDR SDRAM 16-bit wide EMIF
With 256 MByte Address Space (1.8-V I/O)
–
Fully Software-Compatible With ARM9
–
Asynchronous16-/8-bit Wide EMIF (AEMIF)
• ARM926EJ-S Core
• Flash Memory Interfaces
–
Support for 32-Bit and 16-Bit (Thumb Mode)
–
NAND (8-/16-bit Wide Data)
Instruction Sets
–
OneNAND(16-bit Wide Data)
–
DSP Instruction Extensions and Single
Cycle MAC
• Flash Card Interfaces
–
ARM Jazelle Technology
–
Two Multimedia Card (MMC) / Secure
–
EmbeddedICE-RT Logic for Real-Time
Digital (SD/SDIO)
Debug
–
SmartMedia
• ARM9 Memory Architecture
• Enhanced Direct-Memory-Access (EDMA)
–
16K-Byte Instruction Cache
Controller (64 Independent Channels)
–
8K-Byte Data Cache
• USB Port with Integrated 2.0 High-Speed PHY
that Supports
–
32K-Byte RAM
–
USB 2.0 Full and High-Speed Device
–
8K-Byte ROM
–
USB 2.0 Low, Full, and High-Speed Host
–
Little Endian
• Three 64-Bit General-Purpose Timers (each
• Video Processing Subsystem
configurable as two 32-bit timers)
–
Front End Provides:
• One 64-Bit Watch Dog Timer
• Hardware IPIPE for Real-Time Image
Processing
• Three UARTs (One fast UART with RTS and
CTS Flow Control)
• CCD and CMOS Imager Interface
• Three Serial Port Interfaces (SPI) each with
• 14-Bit Parallel AFE (Analog Front End)
two Chip-Selects
Interface Up to 75MHz
• One Master/Slave Inter-Integrated Circuit
• Glueless Interface to Common Video
(I2C) Bus™
Decoders
• BT.601/BT.656 Digital YCbCr 4:2:2
• Two Audio Serial Port (ASP)
(8-/16-Bit) Interface
–
I2S and TDM I2S
• Histogram Module
–
AC97 Audio Codec Interface
• Resize Engine
–
S/PDIF via Software
–
Resize Images From 1/16x to 8x
–
Standard Voice Codec Interface (AIC12)
–
Separate Horizontal/Vertical Control
–
SPI Protocol (Master Mode Only)
–
Two Simultaneous Output Paths
• Four Pulse Width Modulator (PWM) Outputs
–
Back End Provides:
• Four RTO (Real Time Out) Outputs
• Hardware On-Screen Display (OSD)
• Up to 104 General-Purpose I/O (GPIO) Pins
• Composite NTSC/PAL video encoder
(Multiplexed with Other Device Functions)
output
• On-Chip ARM ROM Bootloader (RBL) to Boot
• 8-/16-bit YCC and Up to 18-Bit RGB666
From NAND Flash, MMC/SD, or UART
Digital Output
• Configurable Power-Saving Modes
• BT.601/BT.656 Digital YCbCr 4:2:2
• Crystal or External Clock Input (typically
(8-/16-Bit) Interface
24MHz or 36MHz)
• Supports digital HDTV (720p/1080i)
• Flexible PLL Clock Generators
output for connection to external
• Debug Interface Support
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
I2C-bus is a trademark of Texas Instruments.
Windows is a trademark of Microsoft.
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2007, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TMS320DM355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI1-TMS320DM355 Datasheet
1Mb / 163P
Digital Media System-on-Chip (DMSoC)
TMS320DM355CZCE216 TI1-TMS320DM355CZCE216 Datasheet
1Mb / 163P
Digital Media System-on-Chip (DMSoC)
More results

Similar Description - TMS320DM355

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320DM355 TI-TMS320DM355_07 Datasheet
1Mb / 158P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_08 Datasheet
1Mb / 154P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335 Datasheet
1Mb / 156P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI-TMS320DM335_09 Datasheet
1Mb / 155P
Digital Media System-on-Chip (DMSoC)
TMS320DM355 TI-TMS320DM355_09 Datasheet
1Mb / 159P
Digital Media System-on-Chip (DMSoC)
SM320DM355-EP TI-SM320DM355-EP Datasheet
1Mb / 156P
Digital Media System-on-Chip(DMSoC)
TMS320DM368ZCEDF TI1-TMS320DM368ZCEDF Datasheet
1Mb / 208P
Digital Media System-on-Chip (DMSoC)
TMS320DM369ZCED TI-TMS320DM369ZCED Datasheet
98Kb / 8P
Digital Media System-on-Chip (DMSoC)
TMS320DM335 TI1-TMS320DM335_15 Datasheet
1Mb / 160P
Digital Media System-on-Chip (DMSoC)
TMS320DM365 TI1-TMS320DM365_17 Datasheet
1Mb / 210P
Digital Media System-on-Chip (DMSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com