Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 28Page - Texas Instruments TMS320DM355 Datasheet HTML 29Page - Texas Instruments TMS320DM355 Datasheet HTML 30Page - Texas Instruments TMS320DM355 Datasheet HTML 31Page - Texas Instruments TMS320DM355 Datasheet HTML 32Page - Texas Instruments TMS320DM355 Datasheet HTML 33Page - Texas Instruments TMS320DM355 Datasheet HTML 34Page - Texas Instruments TMS320DM355 Datasheet HTML 35Page - Texas Instruments TMS320DM355 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 153 page
background image
www.ti.com
2.4.12 Clock Interface
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
Table 2-17. SPI Terminal Functions (continued)
TERMINAL
TYPE(1)
OTHER(2)(3) DESCRIPTION
NAME
NO.
SPI1_SDI
SPI1: Data in or
GIO009
A13
I/O/Z
VDD
SPI1: Chip select
SPI1_SDENA[1]
GIO: GIO[09]
SPI1_SDO
SPI1: Data out
E12
I/O/Z
VDD
GIO008
GIO: GIO[008]
Standard CCD Analog Front End (AFE): Not used
•
YCC 16-bit: time multiplexed between chroma. CB/CR[07]
CIN7/
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is
PD
GIO101/
N3
I/O/Z
time multiplexed between luma and chroma of the upper channel.
VDD_VIN
SPI2_SCLK
Y/CB/CR[07]
SPI: SPI2 clock
GIO: GIO[101]
Standard CCD Analog Front End (AFE): Raw[13]
•
YCC 16-bit: time multiplexed between chroma. CB/CR[05]
CIN5/
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is
PD
GIO099/
M3
I/O/Z
time multiplexed between luma and chroma of the upper channel.
VDD_VIN
SPI2_SDENA[0]
Y/CB/CR[07]
SPI: SPI2 chip select
GIO: GIO[099]
Standard CCD Analog Front End (AFE): Raw[12]
•
YCC 16-bit: time multiplexed between chroma. CB/CR[04]
CIN4/
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is
GIO098/
PD
L4
I/O/Z
time multiplexed between luma and chroma of the upper channel.
SPI2_SDI/
VDD_VIN
Y/CB/CR[04]
SPI2_SDENA[1]
SPI: SPI2 Data in
GIO: GIO[0998]
Standard CCD Analog Front End (AFE): Not used
•
YCC 16-bit: time multiplexed between chroma. CB/CR[06]
CIN6/
•
YCC 8-bit (which allows for two simultaneous decoder inputs), it is
PD
GIO100/
K5
I/O/Z
time multiplexed between luma and chroma of the upper channel.
VDD_VIN
SPI2_SDO/
Y/CB/CR[06]
SPI: SPI2 Data out
GIO: GIO[100]
The provides interface with the system clocks.
Table 2-18. Clocks Terminal Functions
TERMINAL
TYPE(1)
OTHER(2)(3)
DESCRIPTION
NAME
NO.
CLKOUT1
CLKOUT: Output Clock 1
D12
I/O/Z
VDD
/ GIO018
GIO: GIO[018]
CLKOUT2
CLKOUT: Output Clock 2
A11
I/O/Z
VDD
/ GIO017
GIO: GIO[017]
CLKOUT3
CLKOUT: Output Clock 3
C11
I/O/Z
VDD
/ GIO016
GIO: GIO[016]
MXI1
A9
I
VDD
Crystal input for system oscillator (24 MHz or 36 MHz)
Output for system oscillator (24 MHz or 36 MHz). When the MX02 is not used,
MXO1
B9
O
VDD
the MX02 signal can be left open.
Crystal input for video oscillator (27 MHz) Optional, use only if 27MHz derived
from MXI1 and PLL does not provide sufficient performance for Video DAC.
MXI2
R1
I
VDD
When the MX12 is not used and powered down, the MXI2 signal should be left
as a No Connect
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal. See Section 5.3, Power Supplies for more detail.
(3)
PD = pull-down, PU = pull-up. (To pull up a signal to the opposite supply rail, a 1 k
Ω resistor should be used.)
Device Overview
32
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com