Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM355 Datasheet(PDF) 86 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM355
Description  Digital Media System-on-Chip (DMSoC)
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM355 Datasheet(HTML) 86 Page - Texas Instruments

Back Button TMS320DM355 Datasheet HTML 82Page - Texas Instruments TMS320DM355 Datasheet HTML 83Page - Texas Instruments TMS320DM355 Datasheet HTML 84Page - Texas Instruments TMS320DM355 Datasheet HTML 85Page - Texas Instruments TMS320DM355 Datasheet HTML 86Page - Texas Instruments TMS320DM355 Datasheet HTML 87Page - Texas Instruments TMS320DM355 Datasheet HTML 88Page - Texas Instruments TMS320DM355 Datasheet HTML 89Page - Texas Instruments TMS320DM355 Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 153 page
background image
www.ti.com
3.14 64-Bit Crossbar Architecture
3.14.1 Crossbar Connections
3.14.2 EDMA Controller
TMS320DM355
Digital Media System-on-Chip (DMSoC)
SPRS463 – SEPTEMBER 2007
The DM355 uses a 64-bit crossbar architecture to control access between device processors, subsystems
and peripherals. It includes an EDMA Controller consisting of a DMA Transfer Controller (TC) and a DMA
Channel Controller (CC). The TC provides two DMA channels for transfer between slave peripherals. The
CC provides a user and event interface to the EDMA system. It includes up to 64 event channels to which
all system synchronization events can be mapped and 8 auto submit “quick” channels (QDMA). In most
ways, these channels are identical. A channel refers to a specific ‘event’ that can cause a transfer to be
submitted to the TC as a Transfer Request.
There are five transfer masters (TCs have separate read and write connections) connected to the
crossbar; ARM, the Video Processing Sub-system (VPSS), the master peripherals (USB), and two EDMA
transfer controllers. These can be connected to four separate slave ports; ARM, the DDR EMIF, and CFG
bus peripherals. Not all masters may connect to all slaves. Connection paths are indicated by
√ at
intersection points shown in Table 3-18
Table 3-18. Crossbar Connection Matrix
Slave Module
DMA Master
ARM Internal
MPEG/JPEG
Config Bus Registers and
DDR EMIF Memory
Memory
Co-processor
Memory
Memory
ARM
√
√
√
√
VPSS
√
DMA Master Peripherals (USB)
√
√
EDMA3TC0
√
√
√
√
EDMA3TC1
√
√
√
√
The EDMA controller handles all data transfers between memories and the device slave peripherals on
the DM355 device. These are summarized as follows:
• Transfer to/from on-chip memories
–
ARM program/data RAM
–
MPEG/JPEG Co-processor memory
• Transfer to/from external storage
–
DDR2 / mDDR SDRAM
–
Asynchronous EMIF
–
OneNAND flash
–
NAND flash
–
Smart Media, SD, MMC, xD media storage
• Transfer to/from peripherals
–
ASP
–
SPI
–
I2C
–
PWM
–
RTO
–
GPIO
–
Timer/WDT
–
UART
–
MMC/SD
Detailed Device Description
86
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com