Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/ML Datasheet(PDF) 37 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 37 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 33Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 34Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 35Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 37Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 38Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 39Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 40Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 35
PIC16F627A/628A/648A
TABLE 5-1:
PORTA FUNCTIONS
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Function
Input
Type
Output
Type
Description
RA0/AN0
RA0
ST
CMOS
Bidirectional I/O port
AN0
AN
—
Analog comparator input
RA1/AN1
RA1
ST
CMOS
Bidirectional I/O port
AN1
AN
—
Analog comparator input
RA2/AN2/VREF
RA2
ST
CMOS
Bidirectional I/O port
AN2
AN
—
Analog comparator input
VREF
—AN
VREF output
RA3/AN3/CMP1
RA3
ST
CMOS
Bidirectional I/O port
AN3
AN
—
Analog comparator input
CMP1
—
CMOS
Comparator 1 output
RA4/T0CKI/CMP2
RA4
ST
OD
Bidirectional I/O port. Output is open drain type.
T0CKI
ST
—
External clock input for TMR0 or comparator output
CMP2
—
OD
Comparator 2 output
RA5/MCLR/VPP
RA5
ST
—
Input port
MCLR
ST
—
Master clear. When configured as MCLR, this pin is an
active low Reset to the device. Voltage on MCLR/VPP must
not exceed VDD during normal device operation.
VPP
HV
—
Programming voltage input
RA6/OSC2/CLKOUT
RA6
ST
CMOS
Bidirectional I/O port
OSC2
—
XTAL
Oscillator crystal output. Connects to crystal resonator in
Crystal Oscillator mode.
CLKOUT
—
CMOS
In RC or INTOSC mode. OSC2 pin can output CLKOUT,
which has 1/4 the frequency of OSC1.
RA7/OSC1/CLKIN
RA7
ST
CMOS
Bidirectional I/O port
OSC1
XTAL
—
Oscillator crystal input. Connects to crystal resonator in
Crystal Oscillator mode.
CLKIN
ST
—
External clock source input. RC biasing pin.
Legend:
O = Output
CMOS = CMOS Output
P
= Power
— = Not used
I
= Input
ST = Schmitt Trigger Input
TTL = TTL Input
OD
= Open Drain Output
AN = Analog
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
05h
PORTA
RA7
RA6
RA5(1)
RA4
RA3
RA2
RA1
RA0
xxxx 0000
qqqu 0000
85h
TRISA
TRISA7
TRISA6
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
1111 1111
1111 1111
1Fh
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0000
0000 0000
9Fh
VRCON
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
000- 0000
000- 0000
Legend:
-
= Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition. Shaded cells
are not used for PORTA.
Note
1:
MCLRE configuration bit sets RA5 functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com