Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/ML Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 73Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 74Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 75Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 76Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 77Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 78Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 79Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 80Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 75
PIC16F627A/628A/648A
TABLE 12-4:
BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE (K)
FOSC = 20 MHz
SPBRG
value
(decimal)
16 MHz
SPBRG
value
(decimal)
10 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
NA
—
—
NA
——
NA
——
1.2
1.221
+1.73%
255
1.202
+0.16%
207
1.202
+0.16%
129
2.4
2.404
+0.16%
129
2.404
+0.16%
103
2.404
+0.16%
64
9.6
9.469
-1.36%
32
9.615
+0.16%
25
9.766
+1.73%
15
19.2
19.53
+1.73%
15
19.23
+0.16%
12
19.53
+1.73V
7
76.8
78.13
+1.73%
3
83.33
+8.51%
2
78.13
+1.73%
1
96
104.2
+8.51%
2
NA
—
—
NA
—
—
300
312.5
+4.17%
0
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
312.5
—
0
250
—
0
156.3
—
0
LOW
1.221
—
255
0.977
—
255
0.6104
—
255
BAUD
RATE (K)
FOSC = 7.15909 MHz
SPBRG
value
(decimal)
5.0688 MHz
SPBRG
value
(decimal)
4 MHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
NA
—
—
0.31
+3.13%
255
0.3005
-0.17%
207
1.2
1.203
+0.23%
92
1.2
0
65
1.202
+1.67%
51
2.4
2.380
-0.83%
46
2.4
0
32
2.404
+1.67%
25
9.6
9.322
-2.90%
11
9.9
+3.13%
7
NA
—
—
19.2
18.64
-2.90%
5
19.8
+3.13%
3
NA
—
—
76.8
NA
—
—
79.2
+3.13%
0
NA
—
—
96
NA
—
—
NA
—
—
NA
—
—
300
NA
—
—
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
111.9
—
0
79.2
—
0
62.500
—
0
LOW
0.437
—
255
0.3094
—
255
3.906
—
255
BAUD
RATE (K)
FOSC = 3.579545 MHz
SPBRG
value
(decimal)
1 MHz
SPBRG
value
(decimal)
32.768 kHz
SPBRG
value
(decimal)
KBAUD
ERROR
KBAUD
ERROR
KBAUD
ERROR
0.3
0.301
+0.23%
185
0.300
+0.16%
51
0.256
-14.67%
1
1.2
1.190
-0.83%
46
1.202
+0.16%
12
NA
—
—
2.4
2.432
+1.32%
22
2.232
-6.99%
6
NA
—
—
9.6
9.322
-2.90%
5
NA
—
—
NA
—
—
19.2
18.64
-2.90%
2
NA
—
—
NA
—
—
76.8
NA—
—NA—
—NA—
—
96
NA
—
—
NA
—
—
NA
—
—
300
NA
—
—
NA
—
—
NA
—
—
500
NA
—
—
NA
—
—
NA
—
—
HIGH
55.93
—
0
15.63
—
0
0.512
—
0
LOW
0.2185
—
255
0.0610
—
255
0.0020
—
255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com