Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/ML Datasheet(PDF) 45 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 45 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 41Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 42Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 43Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 44Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 45Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 46Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 47Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 48Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 43
PIC16F627A/628A/648A
TABLE 5-3:
PORTB FUNCTIONS
TABLE 5-4:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTB
Name
Function Input Type
Output
Type
Description
RB0/INT
RB0
TTL
CMOS
Bidirectional I/O port. Can be software programmed for
internal weak pull-up.
INT
ST
—
External interrupt
RB1/RX/DT
RB1
TTL
CMOS
Bidirectional I/O port. Can be software programmed for
internal weak pull-up.
RX
ST
—
USART Receive Pin
DT
ST
CMOS
Synchronous data I/O
RB2/TX/CK
RB2
TTL
CMOS
Bidirectional I/O port
TX
—
CMOS
USART Transmit Pin
CK
ST
CMOS
Synchronous Clock I/O. Can be software programmed
for internal weak pull-up.
RB3/CCP1
RB3
TTL
CMOS
Bidirectional I/O port. Can be software programmed for
internal weak pull-up.
CCP1
ST
CMOS
Capture/Compare/PWM/I/O
RB4/PGM
RB4
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change. Can be
software programmed for internal weak pull-up.
PGM
ST
—
Low-voltage programming input pin. When low-voltage
programming is enabled, the interrupt-on-pin change
and weak pull-up resistor are disabled.
RB5
RB5
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change. Can be
software programmed for internal weak pull-up.
RB6/T1OSO/T1CKI/
PGC
RB6
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change. Can be
software programmed for internal weak pull-up.
T1OSO
—
XTAL
Timer1 Oscillator Output
T1CKI
ST
—
Timer1 Clock Input
PGC
ST
—
ICSP™ Programming Clock
RB7/T1OSI/PGD
RB7
TTL
CMOS
Bidirectional I/O port. Interrupt-on-pin change. Can be
software programmed for internal weak pull-up.
T1OSI
XTAL
—
Timer1 Oscillator Input
PGD
ST
CMOS
ICSP Data I/O
Legend:
O = Output
CMOS = CMOS Output
P
= Power
— = Not used
I
= Input
ST = Schmitt Trigger Input
TTL = TTL Input
OD
= Open Drain Output
AN = Analog
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
All Other
Resets
06h, 106h
PORTB
RB7
RB6
RB5
RB4(1)
RB3
RB2
RB1
RB0
xxxx xxxx
uuuu uuuu
86h, 186h
TRISB
TRISB7
TRISB6
TRISB5
TRISB4
TRISB3 TRISB2
TRISB1
TRISB0
1111 1111
1111 1111
81h, 181h
OPTION
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend:
u
= unchanged, x = unknown. Shaded cells are not used for PORTB.
Note
1:
LVP configuration bit sets RB4 functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com