Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/ML Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 85Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 86Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 87Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 88Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 89Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 90Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 91Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 92Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 87
PIC16F627A/628A/648A
FIGURE 12-10:
SYNCHRONOUS RECEPTION (MASTER MODE, SREN)
12.5
USART Synchronous Slave Mode
Synchronous Slave mode differs from the Master mode
in the fact that the shift clock is supplied externally at
the RB2/TX/CK pin (instead of being supplied internally
in Master mode). This allows the device to transfer or
receive data while in Sleep mode. Slave mode is
entered by clearing bit CSRC (TXSTA<7>).
12.5.1
USART SYNCHRONOUS SLAVE
TRANSMIT
The operation of the Synchronous Master and Slave
modes are identical except in the case of the Sleep
mode.
If two words are written to the TXREG and then the
SLEEP
instruction is executed, the following will occur:
a)
The first word will immediately transfer to the
TSR register and transmit.
b)
The second word will remain in TXREG register.
c)
Flag bit TXIF will not be set.
d)
When the first word has been shifted out of TSR,
the TXREG register will transfer the second
word to the TSR and flag bit TXIF will now be
set.
e)
If enable bit TXIE is set, the interrupt will wake
the chip from Sleep and if the global interrupt is
enabled, the program will branch to the interrupt
vector (0004h).
Follow these steps when setting up a Synchronous
Slave Transmission:
1.
TRISB<1> and TRISB<2> should both be set to
‘1’ to configure the RB1/RX/DT and RB2/TX/CK
pins as inputs. Output drive, when required, is
controlled by the peripheral circuitry.
2.
Enable the synchronous slave serial port by
setting bits SYNC and SPEN and clearing bit
CSRC.
3.
Clear bits CREN and SREN.
4.
If interrupts are desired, then set enable bit
TXIE.
5.
If 9-bit transmission is desired, then set bit TX9.
6.
Enable the transmission by setting enable bit
TXEN.
7.
If 9-bit transmission is selected, the ninth bit
should be loaded in bit TX9D.
8.
Start transmission by loading data to the TXREG
register.
CREN bit
RB1/RX/DT pin
RB2/TX/CK pin
WRITE to
Bit SREN
SREN bit
RCIF bit
(Interrupt)
Read
RXREG
Q3Q4Q1Q2Q3Q4Q1Q2Q3Q4
Q2
Q1Q2Q3Q4Q1Q2Q3Q4 Q1Q2Q3Q4Q1Q2Q3 Q4Q1Q2Q3Q4Q1Q2Q3Q4 Q1Q2Q3Q4
‘0’
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
‘0’
Q1Q2Q3Q4
Note:
Timing diagram demonstrates Sync Master mode with bit SREN = 1 and bit BRG = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com