Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F628A-E/ML Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F628A-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F628A-E/ML Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F628A-E/ML Datasheet HTML 43Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 44Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 45Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 46Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 47Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 48Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 49Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 50Page - Microchip Technology PIC16F628A-E/ML Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 45
PIC16F627A/628A/648A
6.0
TIMER0 MODULE
The Timer0 module timer/counter has the following
features:
• 8-bit timer/counter
• Read/write capabilities
• 8-bit software programmable prescaler
• Internal or external clock select
• Interrupt on overflow from FFh to 00h
• Edge select for external clock
Figure 6-1 is a simplified block diagram of the Timer0
module. Additional information is available in the “PIC®
Mid-Range MCU Family Reference Manual” (DS33023).
Timer mode is selected by clearing the T0CS bit
(OPTION<5>). In Timer mode, the TMR0 register value
will
increment
every
instruction
cycle
(without
prescaler). If the TMR0 register is written to, the
increment is inhibited for the following two cycles. The
user can work around this by writing an adjusted value
to the TMR0 register.
Counter mode is selected by setting the T0CS bit. In
this mode the TMR0 register value will increment either
on every rising or falling edge of pin RA4/T0CKI/CMP2.
The incrementing edge is determined by the source
edge (T0SE) control bit (OPTION<4>). Clearing the
T0SE bit selects the rising edge. Restrictions on the
external clock input are discussed in detail in
Section 6.2 “Using Timer0 with External Clock”.
The prescaler is shared between the Timer0 module
and the Watchdog Timer. The prescaler assignment is
controlled
in
software
by
the
control
bit
PSA
(OPTION<3>). Clearing the PSA bit will assign the
prescaler to Timer0. The prescaler is not readable or
writable. When the prescaler is assigned to the Timer0
module, prescale value of 1:2, 1:4,..., 1:256 are
selectable. Section 6.3 “Timer0 Prescaler” details
the operation of the prescaler.
6.1
Timer0 Interrupt
Timer0 interrupt is generated when the TMR0 register
timer/counter overflows from FFh to 00h. This overflow
sets the T0IF bit. The interrupt can be masked by
clearing the T0IE bit (INTCON<5>). The T0IF bit
(INTCON<2>) must be cleared in software by the
Timer0 module interrupt service routine before re-
enabling this interrupt. The Timer0 interrupt cannot
wake the processor from Sleep since the timer is shut
off during Sleep.
6.2
Using Timer0 with External Clock
When an external clock input is used for Timer0, it must
meet
certain
requirements.
The
external
clock
requirement is due to internal phase clock (TOSC)
synchronization. Also, there is a delay in the actual
incrementing of Timer0 after synchronization.
6.2.1
EXTERNAL CLOCK
SYNCHRONIZATION
When no prescaler is used, the external clock input is
the same as the prescaler output. The synchronization
of
T0CKI
with
the
internal
phase
clocks
is
accomplished by sampling the prescaler output on the
Q2 and Q4 cycles of the internal phase clocks
(Figure 6-1). Therefore, it is necessary for T0CKI to be
high for at least 2TOSC (and a small RC delay of 20 ns)
and low for at least 2TOSC (and a small RC delay of
20 ns). Refer to the electrical specification of the
desired device.
When a prescaler is used, the external clock input is
divided by the asynchronous ripple-counter type
prescaler so that the prescaler output is symmetrical.
For
the
external
clock
to
meet
the
sampling
requirement, the ripple-counter must be taken into
account. Therefore, it is necessary for T0CKI to have a
period of at least 4TOSC (and a small RC delay of 40 ns)
divided by the prescaler value. The only requirement
on T0CKI high and low time is that they do not violate
the minimum pulse width requirement of 10 ns. Refer to
parameters 40, 41 and 42 in the electrical specification
of the desired device. See Table 17-8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com