Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 38 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 38 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 34Page - Microchip Technology PIC16F-E/ML Datasheet HTML 35Page - Microchip Technology PIC16F-E/ML Datasheet HTML 36Page - Microchip Technology PIC16F-E/ML Datasheet HTML 37Page - Microchip Technology PIC16F-E/ML Datasheet HTML 38Page - Microchip Technology PIC16F-E/ML Datasheet HTML 39Page - Microchip Technology PIC16F-E/ML Datasheet HTML 40Page - Microchip Technology PIC16F-E/ML Datasheet HTML 41Page - Microchip Technology PIC16F-E/ML Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 36
© 2007 Microchip Technology Inc.
5.2
PORTB and TRISB Registers
PORTB is an 8-bit wide bidirectional port. The
corresponding data direction register is TRISB. A ‘1’ in
the TRISB register puts the corresponding output driver
in a High-impedance mode. A ‘0’ in the TRISB register
puts the contents of the output latch on the selected
pin(s).
PORTB is multiplexed with the external interrupt,
USART, CCP module and the TMR1 clock input/output.
The standard port functions and the alternate port
functions are shown in Table 5-3. Alternate port
functions may override the TRIS setting when enabled.
Reading PORTB register reads the status of the pins,
whereas writing to it will write to the port latch. All write
operations are read-modify-write operations. So a write
to a port implies that the port pins are first read, then
this value is modified and written to the port data latch.
Each of the PORTB pins has a weak internal pull-up
(
≈200 μA typical). A single control bit can turn on all the
pull-ups.
This
is
done
by
clearing
the
RBPU
(OPTION<7>) bit. The weak pull-up is automatically
turned off when the port pin is configured as an output.
The pull-ups are disabled on Power-on Reset.
Four of PORTB’s pins, RB<7:4>, have an interrupt-on-
change feature. Only pins configured as inputs can
cause this interrupt to occur (i.e., any RB<7:4> pin
configured as an output is excluded from the interrupt-
on-change comparison). The input pins (of RB<7:4>)
are compared with the old value latched on the last
read of PORTB. The “mismatch” outputs of RB<7:4>
are OR’ed together to generate the RBIF interrupt (flag
latched in INTCON<0>).
This interrupt can wake the device from Sleep. The
user, in the interrupt service routine, can clear the
interrupt in the following manner:
a)
Any read or write of PORTB. This will end the
mismatch condition.
b)
Clear flag bit RBIF.
A mismatch condition will continue to set flag bit RBIF.
Reading PORTB will end the mismatch condition and
allow flag bit RBIF to be cleared.
This interrupt on mismatch feature, together with
software configurable pull-ups on these four pins allow
easy interface to a key pad and make it possible for
wake-up on key-depression (See Application Note
AN552 “Implementing Wake-up on Key Strokes”
(DS00552).
The interrupt-on-change feature is recommended for
wake-up on key depression operation and operations
where PORTB is only used for the interrupt-on-change
feature. Polling of PORTB is not recommended while
using the interrupt-on-change feature.
FIGURE 5-8:
BLOCK DIAGRAM OF
RB0/INT PIN
Note:
If a change on the I/O pin should occur
when a read operation is being executed
(start of the Q2 cycle), then the RBIF
interrupt flag may not get set.
Data Bus
WR PORTB
WR TRISB
RD PORTB
Data Latch
TRIS Latch
RB0/INT
INT
Q
D
CK
EN
QD
EN
RD TRISB
RBPU
P
VDD
VDD
VSS
Q
Q
D
CK
Q
Weak Pull-up
Schmitt
TTL
Input
Buffer
Trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com