Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F-E/ML Datasheet HTML 62Page - Microchip Technology PIC16F-E/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 57
PIC16F627A/628A/648A
9.2.1
CCP PIN CONFIGURATION
The user must configure the RB3/CCP1 pin as an
output by clearing the TRISB<3> bit.
9.2.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode if the CCP module is using the
compare feature. In Asynchronous Counter mode, the
compare operation may not work.
9.2.3
SOFTWARE INTERRUPT MODE
When generate software interrupt is chosen the CCP1
pin is not affected. Only a CCP interrupt is generated (if
enabled).
9.2.4
SPECIAL EVENT TRIGGER
In this mode (CCP1M<3:0>=1011), an internal hard-
ware trigger is generated, which may be used to initiate
an action. See Register 9-1.
The special event trigger output of the CCP occurs
immediately upon a match between the TMR1H,
TMR1L register pair and CCPR1H, CCPR1L register
pair. The TMR1H, TMR1L register pair is not reset until
the next rising edge of the TMR1 clock. This allows the
CCPR1 register pair to effectively be a 16-bit program-
mable period register for Timer1. The special event
trigger output also starts an A/D conversion provided
that the A/D module is enabled.
TABLE 9-2:
REGISTERS ASSOCIATED WITH CAPTURE, COMPARE, AND TIMER1
Note:
Clearing the CCP1CON register will force
the RB3/CCP1 compare output latch to
the default low level. This is not the data
latch.
Note:
Removing the match condition by chang-
ing the contents of the CCPR1H, CCPR1L
register pair between the clock edge that
generates the special event trigger and
the clock edge that generates the TMR1
Reset will preclude the
Reset from
occuring.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR
Value on
all other
Resets
0Bh, 8Bh,
10Bh, 18Bh
INTCON
GIE
PEIE
T0IE
INTE
RBIE
T0IF
INTF
RBIF
0000 000x 0000 000u
0Ch
PIR1
EEIF CMIF
RCIF
TXIF
—
CCP1IF
TMR2IF
TMR1IF 0000 -000 0000 -000
8Ch
PIE1
EEIE CMIE
RCIE
TXIE
—
CCP1IE
TMR2IE
TMR1IE 0000 -000 0000 -000
86h, 186h
TRISB
PORTB Data Direction Register
1111 1111 1111 1111
0Eh
TMR1L
Holding Register for the Least Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
0Fh
TMR1H
Holding Register for the Most Significant Byte of the 16-bit TMR1 Register
xxxx xxxx uuuu uuuu
10h
T1CON
—
—
T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON --00 0000 --uu uuuu
15h
CCPR1L
Capture/Compare/PWM Register1 (LSB)
xxxx xxxx uuuu uuuu
16h
CCPR1H
Capture/Compare/PWM Register1 (MSB)
xxxx xxxx uuuu uuuu
17h
CCP1CON
—
—
CCP1X
CCP1Y
CCP1M3
CCP1M2 CCP1M1 CCP1M0 --00 0000 --00 0000
Legend:
x
= unknown, u = unchanged, - = unimplemented read as ‘0’. Shaded cells are not used by Capture and Timer1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com