Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 58 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 58 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 54Page - Microchip Technology PIC16F-E/ML Datasheet HTML 55Page - Microchip Technology PIC16F-E/ML Datasheet HTML 56Page - Microchip Technology PIC16F-E/ML Datasheet HTML 57Page - Microchip Technology PIC16F-E/ML Datasheet HTML 58Page - Microchip Technology PIC16F-E/ML Datasheet HTML 59Page - Microchip Technology PIC16F-E/ML Datasheet HTML 60Page - Microchip Technology PIC16F-E/ML Datasheet HTML 61Page - Microchip Technology PIC16F-E/ML Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 56
© 2007 Microchip Technology Inc.
9.1
Capture Mode
In Capture mode, CCPR1H:CCPR1L captures the
16-bit value of the TMR1 register when an event occurs
on pin RB3/CCP1. An event is defined as:
• Every falling edge
• Every rising edge
• Every 4th rising edge
• Every 16th rising edge
An event is selected by control bits CCP1M<3:0>
(CCP1CON<3:0>). When a capture is made, the
interrupt request flag bit CCP1IF (PIR1<2>) is set. It
must be cleared in software. If another capture occurs
before the value in register CCPR1 is read, the old
captured value will be lost.
9.1.1
CCP PIN CONFIGURATION
In Capture mode, the RB3/CCP1 pin should be config-
ured as an input by setting the TRISB<3> bit.
FIGURE 9-1:
CAPTURE MODE
OPERATION BLOCK
DIAGRAM
9.1.2
TIMER1 MODE SELECTION
Timer1 must be running in Timer mode or Synchro-
nized Counter mode for the CCP module to use the
capture feature. In Asynchronous Counter mode, the
capture operation may not work.
9.1.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep bit
CCP1IE (PIE1<2>) clear to avoid false interrupts and
should clear the flag bit CCP1IF following any such
change in Operating mode.
9.1.4
CCP PRESCALER
There are four prescaler settings, specified by bits
CCP1M<3:0>. Whenever the CCP module is turned
off, or the CCP module is not in Capture mode, the
prescaler counter is cleared. This means that any
Reset will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will not
be cleared, therefore the first capture may be from a
non-zero
prescaler.
Example 9-1
shows
the
recommended method for switching between capture
prescalers. This example also clears the prescaler
counter and will not generate the “false” interrupt.
EXAMPLE 9-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
9.2
Compare Mode
In Compare mode, the 16-bit CCPR1 register value is
constantly compared against the TMR1 register pair
value. When a match occurs, the RB3/CCP1 pin is:
• Driven high
•Driven low
• Remains unchanged
The action on the pin is based on the value of control
bits CCP1M<3:0> (CCP1CON<3:0>). At the same
time, interrupt flag bit CCP1IF is set.
FIGURE 9-2:
COMPARE MODE
OPERATION BLOCK
DIAGRAM
Note:
If the RB3/CCP1 is configured as an
output, a write to the port can cause a
capture condition.
CCPR1H
CCPR1L
TMR1H
TMR1L
Set flag bit CCP1IF
(PIR1<2>)
Capture
Enable
Q’s
CCP1CON<3:0>
RB3/CCP1
Prescaler
³ 1, 4, 16
and
edge detect
pin
CLRF
CCP1CON
;Turn CCP module off
MOVLW
NEW_CAPT_PS ;Load the W reg with
; the new prescaler
; mode value and CCP ON
MOVWF
CCP1CON
;Load CCP1CON with this
; value
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Set flag bit CCP1IF
(PIR1<2>)
match
RB3/CCP1
TRISB<3>
CCP1CON<3:0>
Mode Select
Output Enable
pin
Note:
Special event trigger will reset Timer1, but not
set interrupt flag bit TMR1IF (PIR1<0>).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com