Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 98 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 98 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 94Page - Microchip Technology PIC16F-E/ML Datasheet HTML 95Page - Microchip Technology PIC16F-E/ML Datasheet HTML 96Page - Microchip Technology PIC16F-E/ML Datasheet HTML 97Page - Microchip Technology PIC16F-E/ML Datasheet HTML 98Page - Microchip Technology PIC16F-E/ML Datasheet HTML 99Page - Microchip Technology PIC16F-E/ML Datasheet HTML 100Page - Microchip Technology PIC16F-E/ML Datasheet HTML 101Page - Microchip Technology PIC16F-E/ML Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 178 page
background image
PIC16F627A/628A/648A
DS40044F-page 96
© 2007 Microchip Technology Inc.
REGISTER 14-1:
CONFIG – CONFIGURATION WORD REGISTER
CP
—
—
—
—CPD
LVP
BOREN
MCLRE
FOSC2
PWRTE
WDTE
F0SC1
F0SC0
bit 13
bit 0
bit 13:
CP: Flash Program Memory Code Protection bit(2)
(PIC16F648A)
1
= Code protection off
0
= 0000h to 0FFFh code-protected
(PIC16F628A)
1
= Code protection off
0
= 0000h to 07FFh code-protected
(PIC16F627A)
1
= Code protection off
0
= 0000h to 03FFh code-protected
bit 12-9:
Unimplemented: Read as ‘0’
bit 8:
CPD: Data Code Protection bit(3)
1
= Data memory code protection off
0
= Data memory code-protected
bit 7:
LVP: Low-Voltage Programming Enable bit
1
= RB4/PGM pin has PGM function, low-voltage programming enabled
0
= RB4/PGM is digital I/O, HV on MCLR must be used for programming
bit 6:
BOREN: Brown-out Reset Enable bit (1)
1
= BOR Reset enabled
0
= BOR Reset disabled
bit 5:
MCLRE: RA5/MCLR/VPP Pin Function Select bit
1
= RA5/MCLR/VPP pin function is MCLR
0
= RA5/MCLR/VPP pin function is digital Input, MCLR internally tied to VDD
bit 3:
PWRTE: Power-up Timer Enable bit (1)
1
= PWRT disabled
0
= PWRT enabled
bit 2:
WDTE: Watchdog Timer Enable bit
1
= WDT enabled
0
= WDT disabled
bit 4, 1-0:
FOSC<2:0>: Oscillator Selection bits(4)
111
= RC oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, Resistor and Capacitor on RA7/OSC1/CLKIN
110
= RC oscillator: I/O function on RA6/OSC2/CLKOUT pin, Resistor and Capacitor on RA7/OSC1/CLKIN
101
= INTOSC oscillator: CLKOUT function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
100
= INTOSC oscillator: I/O function on RA6/OSC2/CLKOUT pin, I/O function on RA7/OSC1/CLKIN
011
= EC: I/O function on RA6/OSC2/CLKOUT pin, CLKIN on RA7/OSC1/CLKIN
010
= HS oscillator: High-speed crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
001
= XT oscillator: Crystal/resonator on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
000
= LP oscillator: Low-power crystal on RA6/OSC2/CLKOUT and RA7/OSC1/CLKIN
Note
1:
Enabling Brown-out Reset does not automatically enable the Power-up Timer (PWRT) the way it does on the
PIC16F627/628 devices.
2:
The code protection scheme has changed from the code protection scheme used on the PIC16F627/628 devices. The
entire Flash program memory needs to be bulk erased to set the CP bit, turning the code protection off. See
“PIC16F627A/628A/648A EEPROM Memory Programming Specification” (DS41196) for details.
3:
The entire data EEPROM needs to be bulk erased to set the CPD bit, turning the code protection off. See “PIC16F627A/
628A/648A EEPROM Memory Programming Specification” (DS41196) for details.
4:
When MCLR is asserted in INTOSC mode, the internal clock oscillator is disabled.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = bit is set
‘0’ = bit is cleared
x = bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com