Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 65Page - Microchip Technology PIC16F-E/ML Datasheet HTML 66Page - Microchip Technology PIC16F-E/ML Datasheet HTML 67Page - Microchip Technology PIC16F-E/ML Datasheet HTML 68Page - Microchip Technology PIC16F-E/ML Datasheet HTML 69Page - Microchip Technology PIC16F-E/ML Datasheet HTML 70Page - Microchip Technology PIC16F-E/ML Datasheet HTML 71Page - Microchip Technology PIC16F-E/ML Datasheet HTML 72Page - Microchip Technology PIC16F-E/ML Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 67
PIC16F627A/628A/648A
11.0
VOLTAGE REFERENCE
MODULE
The Voltage Reference module consists of a 16-tap
resistor ladder network that provides a selectable volt-
age reference. The resistor ladder is segmented to pro-
vide two ranges of VREF values and has a power-down
function to conserve power when the reference is not
being used. The VRCON register controls the opera-
tion of the reference as shown in Figure 11-1. The
block diagram is given in Figure 11-1.
11.1
Voltage Reference Configuration
The Voltage Reference module can output 16 distinct
voltage levels for each range.
The equations used to calculate the output of the
Voltage Reference module are as follows:
if VRR = 1:
if VRR = 0:
The setting time of the Voltage Reference module must
be considered when changing the VREF output
(Table 17-3). Example 11-1 demonstrates how voltage
reference is configured for an output voltage of 1.25V
with VDD = 5.0V.
REGISTER 11-1:
VRCON – VOLTAGE REFERENCE CONTROL REGISTER (ADDRESS: 9Fh)
VREF
VR<3:0>
24
-----------------------
VDD
×
=
VREF
VDD
1
4
---
×
⎝⎠
⎛⎞
VR<3:0>
32
-----------------------
+VDD
×
=
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
—
VR3
VR2
VR1
VR0
bit 7
bit 0
bit 7
VREN: VREF Enable bit
1
= VREF circuit powered on
0
= VREF circuit powered down, no IDD drain
bit 6
VROE: VREF Output Enable bit
1
= VREF is output on RA2 pin
0
= VREF is disconnected from RA2 pin
bit 5
VRR: VREF Range Selection bit
1
= Low range
0
= High range
bit 4
Unimplemented: Read as ‘0’
bit 3-0
VR<3:0>: VREF Value Selection bits 0
≤ VR <3:0> ≤ 15
When VRR = 1: VREF = (VR<3:0>/ 24) * VDD
When VRR = 0: VREF = 1/4 * VDD + (VR<3:0>/ 32) * VDD
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com