Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F-E/ML Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC16F-E/ML
Description  Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F-E/ML Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC16F-E/ML Datasheet HTML 109Page - Microchip Technology PIC16F-E/ML Datasheet HTML 110Page - Microchip Technology PIC16F-E/ML Datasheet HTML 111Page - Microchip Technology PIC16F-E/ML Datasheet HTML 112Page - Microchip Technology PIC16F-E/ML Datasheet HTML 113Page - Microchip Technology PIC16F-E/ML Datasheet HTML 114Page - Microchip Technology PIC16F-E/ML Datasheet HTML 115Page - Microchip Technology PIC16F-E/ML Datasheet HTML 116Page - Microchip Technology PIC16F-E/ML Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 178 page
background image
© 2007 Microchip Technology Inc.
DS40044F-page 111
PIC16F627A/628A/648A
14.8.1
WAKE-UP FROM SLEEP
The device can wake-up from Sleep through one of the
following events:
1.
External Reset input on MCLR pin
2.
Watchdog Timer wake-up (if WDT was enabled)
3.
Interrupt from RB0/INT pin, RB port change, or
any peripheral interrupt, which is active in Sleep.
The first event will cause a device Reset. The two latter
events are considered a continuation of program
execution. The TO and PD bits in the Status register
can be used to determine the cause of device Reset.
PD bit, which is set on power-up, is cleared when Sleep
is invoked. TO bit is cleared if WDT wake-up occurred.
When the SLEEP instruction is being executed, the next
instruction (PC + 1) is pre-fetched. For the device to
wake-up through an interrupt event, the corresponding
interrupt enable bit must be set (enabled). Wake-up is
regardless of the state of the GIE bit. If the GIE bit is
clear (disabled), the device continues execution at the
instruction after the SLEEP instruction. If the GIE bit is
set (enabled), the device executes the instruction after
the SLEEP instruction and then branches to the
interrupt address (0004h). In cases
where the
execution of the instruction following SLEEP
is not
desirable, the user should have an NOP after the SLEEP
instruction.
The WDT is cleared when the device wakes up from
Sleep, regardless of the source of wake-up.
FIGURE 14-17:
WAKE-UP FROM SLEEP THROUGH INTERRUPT
14.9
Code Protection
With the Code-Protect bit is cleared (Code-Protect
enabled), the contents of the program memory
locations are read out as ‘0’. See “PIC16F627A/628A/
648A EEPROM Memory Programming Specification”
(DS41196) for details.
14.10 User ID Locations
Four memory locations (2000h-2003h) are designated
as user ID locations where the user can store
checksum or other code-identification numbers. These
locations are not accessible during normal execution
but are readable and writable during Program/Verify.
Only the Least Significant 4 bits of the user ID locations
are used for checksum calculations although each
location has 14 bits.
Note:
If the global interrupts are disabled (GIE is
cleared), but any interrupt source has both
its interrupt enable bit and the corresponding
interrupt flag bits set, the device will not enter
Sleep. The SLEEP instruction is executed as
a NOP instruction.
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1
Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4 Q1 Q2 Q3 Q4
OSC1
CLKOUT(4)
INT pin
INTF flag
(INTCON<1>)
GIE bit
(INTCON<7>)
Instruction Flow
PC
Instruction
Fetched
Instruction
Executed
PC
PC + 1
PC + 2
Inst(PC) = Sleep
Inst(PC - 1)
Inst(PC + 1)
Sleep
Processor in
Sleep
Interrupt Latency
(Note 2)
Inst(PC + 2)
Inst(PC + 1)
Inst(0004h)
Inst(0005h)
Inst(0004h)
Dummy cycle
PC + 2
0004h(3)
0005h
Dummy cycle
TOST(1,2)
PC + 2
Note
1:
XT, HS or LP Oscillator mode assumed.
2:
TOST = 1024 TOSC (drawing not to scale). Approximately 1
μs delay will be there for RC Oscillator mode.
3:
GIE = 1 assumed. In this case, after wake-up the processor jumps to the interrupt routine. If GIE = 0, execution will continue
in-line.
4:
CLKOUT is not available in these Oscillator modes, but shown here for timing reference.
Note:
Only a Bulk Erase function can set the CP
and CPD bits by turning off the code
protection. The entire data EEPROM and
Flash program memory will be erased to
turn the code protection off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com