Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 114 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 114 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 110Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 113Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 114Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 116Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 117Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 118Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 205 page
background image
dsPIC30F2011/2012/3012/3013
DS70139E-page 112
© 2006 Microchip Technology Inc.
16.7
ADC Speeds
The dsPIC30F 12-bit ADC specifications permit a max-
imum of 200 ksps sampling rate. Table 16-1 summa-
rizes the conversion speeds for the dsPIC30F 12-bit
ADC and the required operating conditions.
Figure 16-2 depicts the recommended circuit for the
conversion rates above 200 ksps. The dsPIC30F2011
is shown as an example.
FIGURE 16-2:
ADC VOLTAGE REFERENCE SCHEMATIC
TABLE 16-1:
12-BIT ADC EXTENDED CONVERSION RATES
dsPIC30F 12-bit ADC Conversion Rates
Speed
TAD
Minimum
Sampling
Time Min
Rs Max
VDD
Temperature
Channels Configuration
Up to 200
ksps(1)
334 ns
1 TAD
2.5 k
Ω
4.5V to 5.5V
-40°C to +85°C
Up to 100
ksps
668 ns
1 TAD
2.5 k
Ω
3.0V to 5.5V
-40°C to +125°C
Note 1: External VREF- and VREF+ pins must be used for correct operation. See Figure 16-2 for recommended
circuit.
VREF-VREF+
ADC
ANx
S/H
CHX
VREF-VREF+
ADC
ANx
S/H
CHX
ANx or VREF-
or
AVSS
or
AVDD
VDD
VDD
VDD
C8
1
μF
VDD
C7
0.1
μF
VDD
C6
0.01
μF
AVDD
C5
1
μF
AVDD
C4
0.1
μF
AVDD
C3
0.01
μF
See Note 1:
Note 1: Ensure adequate bypass capacitors are provided on each VDD pin.
1
2
3
4
VSS
6
7
21
20
19
18
VDD
VSS
15
dsPIC30F2011
VDD
R1
10
VDD
R2
10
C2
0.1
μF
C1
0.01
μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com