Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSPIC30F2012AT20E/P Datasheet(PDF) 115 Page - Microchip Technology

Part # DSPIC30F2012AT20E/P
Description  High-Performance, 16-Bit Digital Signal Controllers
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT20E/P Datasheet(HTML) 115 Page - Microchip Technology

Back Button DSPIC30F2012AT20E/P Datasheet HTML 111Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 112Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 113Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 114Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 115Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 116Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 117Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 118Page - Microchip Technology DSPIC30F2012AT20E/P Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 205 page
background image
© 2006 Microchip Technology Inc.
DS70139E-page 113
dsPIC30F2011/2012/3012/3013
The configuration procedures below give the required
setup values for the conversion speeds above 100
ksps.
16.7.1
200 KSPS CONFIGURATION
GUIDELINE
The following configuration items are required to
achieve a 200 ksps conversion rate.
• Comply with conditions provided in Table 16-1.
• Connect external VREF+ and VREF- pins following
the recommended circuit shown in Figure 16-2.
• Set SSRC<2.0> = 111 in the ADCON1 register to
enable the auto convert option.
• Enable automatic sampling by setting the ASAM
control bit in the ADCON1 register.
• Write the SMPI<3.0> control bits in the ADCON2
register for the desired number of conversions
between interrupts.
• Configure the ADC clock period to be:
by writing to the ADCS<5:0> control bits in the
ADCON3 register.
• Configure the sampling time to be 1 TAD by
writing: SAMC<4:0> = 00001.
The following figure shows the timing diagram of the
ADC running at 200 ksps. The TAD selection in conjunc-
tion with the guidelines described above allows a con-
version speed of 200 ksps. See Example 16-1 for code
example.
16.8
A/D Acquisition Requirements
The analog input model of the 12-bit ADC is shown in
Figure 16-3. The total sampling time for the A/D is a
function of the internal amplifier settling time and the
holding capacitor charge time.
For the ADC to meet its specified accuracy, the charge
holding capacitor (CHOLD) must be allowed to fully
charge to the voltage level on the analog input pin. The
source impedance (RS), the interconnect impedance
(RIC), and the internal sampling switch (RSS) imped-
ance combine to directly affect the time required to
charge the capacitor CHOLD. The combined imped-
ance of the analog sources must therefore be small
enough to fully charge the holding capacitor within the
chosen sample time. To minimize the effects of pin
leakage currents on the accuracy of the ADC, the max-
imum recommended source impedance, RS, is 2.5 k
Ω.
After the analog input channel is selected (changed),
this sampling function must be completed prior to start-
ing the conversion. The internal holding capacitor will
be in a discharged state prior to each sample opera-
tion.
FIGURE 16-3:
12-BIT A/D CONVERTER ANALOG INPUT MODEL
1
(14 + 1) x 200,000
= 334 ns
CPIN
VA
Rs
ANx
VT = 0.6V
VT = 0.6V
I leakage
RIC
≤ 250Ω
Sampling
Switch
RSS
CHOLD
= DAC capacitance
VSS
VDD
= 18 pF
± 500 nA
Legend: CPIN
VT
I leakage
RIC
RSS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch resistance
= sample/hold capacitance (from DAC)
various junctions
Note: CPIN value depends on device package and is not tested. Effect of CPIN negligible if Rs
≤ 2.5 kΩ.
RSS
≤ 3 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com