Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201E/P Datasheet(PDF) 23 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 23 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 19Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 20Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 21Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 22Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 23Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 24Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 25Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 26Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 234 page
background image
TABLE 3-1:
CPU CORE REGISTERS MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
WREG0
0000
Working Register 0
0000
WREG1
0002
Working Register 1
0000
WREG2
0004
Working Register 2
0000
WREG3
0006
Working Register 3
0000
WREG4
0008
Working Register 4
0000
WREG5
000A
Working Register 5
0000
WREG6
000C
Working Register 6
0000
WREG7
000E
Working Register 7
0000
WREG8
0010
Working Register 8
0000
WREG9
0012
Working Register 9
0000
WREG10
0014
Working Register 10
0000
WREG11
0016
Working Register 11
0000
WREG12
0018
Working Register 12
0000
WREG13
001A
Working Register 13
0000
WREG14
001C
Working Register 14
0000
WREG15
001E
Working Register 15
0800
SPLIM
0020
Stack Pointer Limit Register
xxxx
PCL
002E
Program Counter Low Word Register
0000
PCH
0030
—
—
—
—
—
—
—
—
Program Counter High Byte Register
0000
TBLPAG
0032
—
—
—
—
—
—
—
—
Table Page Address Pointer Register
0000
PSVPAG
0034
—
—
—
—
—
—
—
—
Program Memory Visibility Page Address Pointer Register
0000
RCOUNT
0036
Repeat Loop Counter Register
xxxx
SR
0042
—
—
—
—
—
—
—
DC
IPL2
IPL1
IPL0
RA
N
OV
Z
C
0000
CORCON
0044
—
—
—
—
—
—
—
—
—
—
—
—
IPL3
PSV
—
—
0000
DISICNT
0052
—
—
Disable Interrupts Counter Register
xxxx
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com