Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201E/P Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 29Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 30Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 31Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 32Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 33Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 34Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 35Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 36Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 31
PIC24HJ12GP201/202
3.2.5
SOFTWARE STACK
In addition to its use as a working register, the W15
register in the PIC24HJ12GP201/202 devices is also
used as a software Stack Pointer. The Stack Pointer
always points to the first available free word and grows
from lower to higher addresses. It pre-decrements for
stack pops and post-increments for stack pushes, as
shown in Figure 3-4. For a PC push during any CALL
instruction, the MSB of the PC is zero-extended before
the push, ensuring that the MSB is always clear.
The Stack Pointer Limit register (SPLIM) associated
with the Stack Pointer sets an upper address boundary
for the stack. SPLIM is uninitialized at Reset. As is the
case for the Stack Pointer, SPLIM<0> is forced to ‘0’
because all stack operations must be word-aligned.
When an EA is generated using W15 as a source or
destination pointer, the resulting address is compared
with the value in SPLIM. If the contents of the Stack
Pointer (W15) and the SPLIM register are equal and a
push operation is performed, a stack error trap will not
occur. The stack error trap will occur on a subsequent
push operation. For example, to cause a stack error
trap when the stack grows beyond address 0x2000 in
RAM, initialize the SPLIM with the value 0x1FFE.
Similarly, a Stack Pointer underflow (stack error) trap is
generated when the Stack Pointer address is found to
be less than 0x0800. This prevents the stack from
interfering with the Special Function Register (SFR)
space.
A write to the SPLIM register should not be immediately
followed by an indirect read operation using W15.
FIGURE 3-4:
CALL STACK FRAME
3.2.6
DATA RAM PROTECTION FEATURE
The PIC24H product family supports Data RAM
protection features that enable segments of RAM to be
protected when used in conjunction with Boot and
Secure Code Segment Security. BSRAM (Secure RAM
segment for BS) is accessible only from the Boot
Segment Flash code when enabled. SSRAM (Secure
RAM segment for RAM) is accessible only from the
Secure Segment Flash code when enabled. See
Table 3-1 for an overview of the BSRAM and SSRAM
SFRs.
3.3
Instruction Addressing Modes
The addressing modes shown in Table 3-22 form the
basis of the addressing modes optimized to support the
specific features of individual instructions. The
addressing modes provided in the MAC class of
instructions differ from those in the other instruction
types.
3.3.1
FILE REGISTER INSTRUCTIONS
Most file register instructions use a 13-bit address field
(f) to directly address data present in the first 8192
bytes of data memory (Near Data Space). Most file
register instructions employ a working register, W0,
which is denoted as WREG in these instructions. The
destination is typically either the same file register or
WREG (with the exception of the MUL instruction),
which writes the result to a register or register pair. The
MOV instruction allows additional flexibility and can
access the entire data space.
3.3.2
MCU INSTRUCTIONS
The three-operand MCU instructions are of the form:
Operand 3 = Operand 1 <function> Operand 2
where Operand 1 is always a working register (that is,
the addressing mode can only be register direct), which
is referred to as Wb. Operand 2 can be a W register,
fetched from data memory, or a 5-bit literal. The result
location can be either a W register or a data memory
location. The following addressing modes are
supported by MCU instructions:
• Register Direct
• Register Indirect
• Register Indirect Post-Modified
• Register Indirect Pre-Modified
• 5-bit or 10-bit Literal
Note:
A PC push during exception processing
concatenates the SRL register to the MSB
of the PC prior to the push.
<Free Word>
PC<15:0>
000000000
0
15
W15 (before CALL)
W15 (after CALL)
0x0000
PC<22:16>
POP : [--W15]
PUSH : [W15++]
Note:
Not all instructions support all the
addressing modes given above. Individual
instructions can support different subsets
of these addressing modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com