Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201E/P Datasheet(PDF) 95 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 95 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 91Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 92Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 93Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 94Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 95Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 96Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 97Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 98Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 93
PIC24HJ12GP201/202
9.4.3.2
Output Mapping
In contrast to inputs, the outputs of the peripheral pin
select options are mapped on the basis of the pin. In
this case, a control register associated with a particular
pin dictates the peripheral output to be mapped. The
RPORx registers are used to control output mapping.
Like the RPINRx registers, each register contains sets
of 5-bit fields, with each set associated with one RPn
pin (see Register 9-10 through Register 9-17). The
value of the bit field corresponds to one of the periph-
erals, and that peripheral’s output is mapped to the pin
(see Table 9-2 and Figure 9-3).
The list of peripherals for output mapping also includes
a null value of ‘00000’ because of the mapping
technique. This permits any given pin to remain
unconnected from the output of any of the pin
selectable peripherals.
FIGURE 9-3:
MULTIPLEXING OF REMAPPABLE OUTPUT FOR RPn
TABLE 9-2:
OUTPUT SELECTION FOR REMAPPABLE PIN (RPn)
0
19
3
RPnR<4:0>
default
U1TX Output enable
U1RTS Output enable 4
18
OC1 Output enable
0
19
3
default
U1TX Output
U1RTS Output 4
OC2 Output
18
OC1 Output
Output enable
Output Data
RPn
OC2 Output enable
Function
RPnR<4:0>
Output Name
NULL
00000
RPn tied to default port pin
U1TX
00011
RPn tied to UART 1 Transmit
U1RTS
00100
RPn tied to UART 1 Ready To Send
SDO1
00111
RPn tied to SPI 1 Data Output
SCK1OUT
01000
RPn tied to SPI 1 Clock Output
SS1OUT
01001
RPn tied to SPI 1 Slave Select Output
OC1
10010
RPn tied to Output Compare 1
OC2
10011
RPn tied to Output Compare 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com