Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201E/P Datasheet(PDF) 19 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 19 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 15Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 16Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 17Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 18Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 19Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 20Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 21Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 22Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 234 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS70282B-page 17
PIC24HJ12GP201/202
3.0
MEMORY ORGANIZATION
The PIC24HJ12GP201/202 architecture features
separate program and data memory spaces and
buses. This architecture also allows the direct access
of program memory from the data space during code
execution.
3.1
Program Address Space
The program address memory space of the
PIC24HJ12GP201/202 devices is 4M instructions. The
space is addressable by a 24-bit value derived either
from the 23-bit Program Counter (PC) during program
execution, or from table operation or data space
remapping as described in Section 3.4 “Interfacing
Program and Data Memory Spaces”.
User application access to the program memory space is
restricted to the lower half of the address range (0x000000
to 0x7FFFFF). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG<7> to permit access to the
Configuration bits and Device ID sections of the
configuration memory space.
The memory map for the PIC24HJ12GP201/202 device is
shown in Figure 3-1.
FIGURE 3-1:
PROGRAM MEMORY FOR PIC24HJ12GP201/202 DEVICES
Note:
This data sheet summarizes the features
of the PIC24HJ12GP201/202 devices. It is
not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to the
“PIC24H Family Reference Manual”.
Please see the Microchip web site
(www.microchip.com)
for
the
latest
PIC24H
Family
Reference
Manual
chapters.
Reset Address
0x000000
0x0000FE
0x000002
0x000100
Device Configuration
User Program
Flash Memory
0x002000
0x001FFE
(4K instructions)
0x800000
0xF80000
Registers
0xF80017
0xF80018
DEVID (2)
0xFEFFFE
0xFF0000
0xFFFFFE
0xF7FFFE
Unimplemented
(Read ‘0’s)
GOTO Instruction
0x000004
Reserved
0x7FFFFE
Reserved
0x000200
0x0001FE
0x000104
Alternate Vector Table
Reserved
Interrupt Vector Table
PIC24HJ12GP201/202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com