Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24HJ12GP201E/P Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC24HJ12GP201E/P
Description  High-Performance, 16-Bit Microcontrollers
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24HJ12GP201E/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC24HJ12GP201E/P Datasheet HTML 23Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 24Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 25Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 26Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 27Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 28Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 29Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 30Page - Microchip Technology PIC24HJ12GP201E/P Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 234 page
background image
TABLE 3-8:
I2C1 REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
I2C1RCV
0200
—
—
—
—
—
—
—
—
Receive Register
0000
I2C1TRN
0202
—
—
—
—
—
—
—
—Transmit Register
00FF
I2C1BRG
0204
—
—
—
—
—
—
—
Baud Rate Generator Register
0000
I2C1CON
0206
I2CEN
—
I2CSIDL
SCLREL
IPMIEN
A10M
DISSLW
SMEN
GCEN
STREN
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
1000
I2C1STAT
0208
ACKSTAT
TRSTAT
—
—
—
BCL
GCSTAT
ADD10
IWCOL
I2COV
D_A
P
S
R_W
RBF
TBF
0000
I2C1ADD
020A
—
—
—
—
—
—
Address Register
0000
I2C1MSK
020C
—
—
—
—
—
—
Address Mask Register
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 3-9:
UART1 REGISTER MAP
SFR Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
U1MODE
0220
UARTEN
—
USIDL
IREN
RTSMD
—
UEN1
UEN0
WAKE
LPBACK
ABAUD
URXINV
BRGH
PDSEL<1:0>
STSEL
0000
U1STA
0222
UTXISEL1
UTXINV UTXISEL0
—
UTXBRK
UTXEN
UTXBF
TRMT
URXISEL<1:0>
ADDEN
RIDLE
PERR
FERR
OERR
URXDA
0110
U1TXREG
0224
—
—
—
—
—
—
—
UART Transmit Register
xxxx
U1RXREG
0226
—
—
—
—
—
—
—
UART Receive Register
0000
U1BRG
0228
Baud Rate Generator Prescaler
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.
TABLE 3-10:
SPI1 REGISTER MAP
SFR
Name
SFR
Addr
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
All
Resets
SPI1STAT
0240
SPIEN
—
SPISIDL
—
—
—
—
—
—
SPIROV
—
—
—
—
SPITBF
SPIRBF
0000
SPI1CON1
0242
—
—
—
DISSCK
DISSDO MODE16
SMP
CKE
SSEN
CKP
MSTEN
SPRE<2:0>
PPRE<1:0>
0000
SPI1CON2
0244
FRMEN
SPIFSD
FRMPOL
—
—
—
—
—
—
—
—
—
—
—
FRMDLY
—
0000
SPI1BUF
0248
SPI1 Transmit and Receive Buffer Register
0000
Legend:
x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com