Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177FSZ Datasheet(PDF) 4 Page - Analog Devices

Part # OP177FSZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FSZ Datasheet(HTML) 4 Page - Analog Devices

  OP177FSZ Datasheet HTML 1Page - Analog Devices OP177FSZ Datasheet HTML 2Page - Analog Devices OP177FSZ Datasheet HTML 3Page - Analog Devices OP177FSZ Datasheet HTML 4Page - Analog Devices OP177FSZ Datasheet HTML 5Page - Analog Devices OP177FSZ Datasheet HTML 6Page - Analog Devices OP177FSZ Datasheet HTML 7Page - Analog Devices OP177FSZ Datasheet HTML 8Page - Analog Devices OP177FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
OP177
Data Sheet
Rev. H | Page 4 of 16
At VS = ±15 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 2.
OP177F
OP177G
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
INPUT
Input Offset Voltage
VOS
15
40
20
100
μV
Average Input Offset Voltage Drift1
TCVOS
0.1
0.3
0.7
1.2
μV/°C
Input Offset Current
IOS
0.5
2.2
0.5
4.5
nA
Average Input Offset Current Drift2
TCIOS
1.5
40
1.5
85
pA/°C
Input Bias Current
IB
−0.2
+2.4
+4
+2.4
±6
nA
Average Input Bias Current Drift2
TCIB
8
40
15
60
pA/°C
Input Voltage Range3
IVR
±13
±13.5
±13
±13.5
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±13 V
120
140
110
140
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±3 V to ±18 V
110
120
106
115
dB
LARGE-SIGNAL VOLTAGE GAIN4
AVO
RL ≥ 2 kΩ, VO = ±10 V
2000
6000
1000
4000
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 2 kΩ
±12
±13
±12
±13
V
POWER CONSUMPTION
PD
VS = ±15 V, no load
60
75
60
75
mW
SUPPLY CURRENT
ISY
VS = ±15 V, no load
20
2.5
2
2.5
mA
1 TCVOS is sample tested.
2 Guaranteed by endpoint limits.
3 Guaranteed by CMRR test condition.
4 To ensure high open-loop gain throughout the ±10 V output range, AVO is tested at −10 V ≤ VO ≤ 0 V, 0 V ≤ VO ≤ +10 V, and −10 V ≤ VO ≤ +10 V.
TEST CIRCUITS
200kΩ
50Ω
VOS =
VO
4000
VO
OP177
–
+
Figure 3. Typical Offset Voltage Test Circuit
OP177
V+
OUTPUT
–
+
–
+
INPUT
V–
20kΩ
VOS TRIM RANGE IS
TYPICALLY ±3.0mV
Figure 4. Optional Offset Nulling Circuit
OP177
–
+
PINOUTS SHOWN FOR
P AND Z PACKAGES
+20V
–20V
20kΩ
Figure 5. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com