Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177FSZ Datasheet(PDF) 7 Page - Analog Devices

Part # OP177FSZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FSZ Datasheet(HTML) 7 Page - Analog Devices

Back Button OP177FSZ Datasheet HTML 3Page - Analog Devices OP177FSZ Datasheet HTML 4Page - Analog Devices OP177FSZ Datasheet HTML 5Page - Analog Devices OP177FSZ Datasheet HTML 6Page - Analog Devices OP177FSZ Datasheet HTML 7Page - Analog Devices OP177FSZ Datasheet HTML 8Page - Analog Devices OP177FSZ Datasheet HTML 9Page - Analog Devices OP177FSZ Datasheet HTML 10Page - Analog Devices OP177FSZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
OP177
Rev. H | Page 7 of 16
VS = ±15V
4
3
2
1
0
–50
0
50
100
TEMPERATURE (°C)
Figure 12. Input Bias Current vs. Temperature
VS = ±15V
2.0
1.5
1.0
0.5
0
–50
0
50
100
TEMPERATURE (°C)
Figure 13. Input Offset Current vs. Temperature
TA = 25°C
VS = ±15V
100
80
60
40
20
0
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 14. Closed-Loop Response for Various Gain Configurations
TA = 25°C
VS = ±15V
160
140
120
100
80
0.01
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
100k
1M
60
40
20
0
Figure 15. Open-Loop Frequency Response
TA = 25°C
150
140
130
120
110
100
80
1
10
100
1k
10k
100k
FREQUENCY (Hz)
90
Figure 16. CMRR vs. Frequency
TA = 25°C
130
120
110
100
90
80
60
0.1
1
10
100
1k
10k
FREQUENCY (Hz)
70
Figure 17. PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com