Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177FSZ Datasheet(PDF) 1 Page - Analog Devices

Part # OP177FSZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FSZ Datasheet(HTML) 1 Page - Analog Devices

  OP177FSZ Datasheet HTML 1Page - Analog Devices OP177FSZ Datasheet HTML 2Page - Analog Devices OP177FSZ Datasheet HTML 3Page - Analog Devices OP177FSZ Datasheet HTML 4Page - Analog Devices OP177FSZ Datasheet HTML 5Page - Analog Devices OP177FSZ Datasheet HTML 6Page - Analog Devices OP177FSZ Datasheet HTML 7Page - Analog Devices OP177FSZ Datasheet HTML 8Page - Analog Devices OP177FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Ultraprecision Operational Amplifier
Data Sheet
OP177
Rev. H
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1995–2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ultralow offset voltage
TA = 25°C, 25 μV maximum
Outstanding offset voltage drift 0.3 μV/°C maximum
Excellent open-loop gain and gain linearity
12 V/μV typical
CMRR: 130 dB minimum
PSRR: 115 dB minimum
Low supply current 2.0 mA maximum
Fits industry-standard precision operational amplifier
sockets
PIN CONFIGURATION
8
7
6
5
1
2
3
4
NC = NO CONNECT
–IN
+IN
V+
OUT
NC
V–
VOS TRIM
VOS TRIM
OP177
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead PDIP (P-Suffix),
8-Lead SOIC (S-Suffix)
GENERAL DESCRIPTION
The OP177 features one of the highest precision performance of
any operational amplifier currently available. Offset voltage of the
OP177 is only 25 μV maximum at room temperature. The ultralow
VOS of the OP177 combines with the exceptional offset voltage
drift (TCVOS) of 0.3 μV/°C maximum to eliminate the need for
external VOS adjustment and increases system accuracy over
temperature.
The OP177 open-loop gain of 12 V/μV is maintained over the full
±10 V output range. CMRR of 130 dB minimum, PSRR of 120 dB
minimum, and maximum supply current of 2 mA are just a few
examples of the excellent performance of this operational amplifier.
The combination of outstanding specifications of the OP177
ensures accurate performance in high closed-loop gain
applications.
This low noise, bipolar input operational amplifier is also a cost
effective alternative to chopper-stabilized amplifiers. The OP177
provides chopper-type performance without the usual problems
of high noise, low frequency chopper spikes, large physical size,
limited common-mode input voltage range, and bulky external
storage capacitors.
The OP177 is offered in the −40°C to +85°C extended industrial
temperature ranges. This product is available in 8-lead PDIP, as
well as the space saving 8-lead SOIC.
FUNCTIONAL BLOCK DIAGRAM
2B
C1
R7
(OPTIONAL NULL)
Q19
R2B*
R2A*
R1B
R1A
R9
R10
OUTPUT
R8
R6
C3
C2
Q13
Q17
R5
Q27
Q26
Q25
Q8
Q7
Q23
Q24
Q21
Q22
Q9
Q4
Q6
Q3
Q5
R3
R4
Q1
Q2
Q11
Q12
Q14
Q10
Q16
Q15
Q18
Q20
V+
V–
NONINVERTING
INPUT
INVERTING
INPUT
*R2A AND R2B ARE ELECTRONICALLY ADJUSTED ON CHIP AT FACTORY.
Figure 2. Simplified Schematic


Similar Part No. - OP177FSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP177FSZ AD-OP177FSZ Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
OP177FSZ-REEL AD-OP177FSZ-REEL Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
OP177FSZ-REEL7 AD-OP177FSZ-REEL7 Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
More results

Similar Description - OP177FSZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Analog Devices
OP177 AD-OP177 Datasheet
788Kb / 12P
Ultraprecision Operational Amplifier
REV.B
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
logo
Analog Devices
OP177 AD-OP177_06 Datasheet
337Kb / 16P
Ultraprecision Operational Amplifier
5/06-Rev. D to Rev. E
logo
Linear Technology
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Analog Devices
ADR423 AD-ADR423_15 Datasheet
459Kb / 24P
Ultraprecision, Low Noise Voltage References
Rev. J
OP177 AD-OP177_15 Datasheet
332Kb / 16P
Ultraprecision Operational Amplifier
Rev. G
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com