Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177FSZ Datasheet(PDF) 3 Page - Analog Devices

Part # OP177FSZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FSZ Datasheet(HTML) 3 Page - Analog Devices

  OP177FSZ Datasheet HTML 1Page - Analog Devices OP177FSZ Datasheet HTML 2Page - Analog Devices OP177FSZ Datasheet HTML 3Page - Analog Devices OP177FSZ Datasheet HTML 4Page - Analog Devices OP177FSZ Datasheet HTML 5Page - Analog Devices OP177FSZ Datasheet HTML 6Page - Analog Devices OP177FSZ Datasheet HTML 7Page - Analog Devices OP177FSZ Datasheet HTML 8Page - Analog Devices OP177FSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
OP177
Rev. H | Page 3 of 16
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
At VS = ±15 V, TA = 25°C, unless otherwise noted.
Table 1.
OP177F
OP177G
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
VOS
10
25
20
60
μV
LONG-TERM INPUT OFFSET1
Voltage Stability
ΔVOS/time
0.3
0.4
μV/mo
INPUT OFFSET CURRENT
IOS
0.3
1.5
0.3
2.8
nA
INPUT BIAS CURRENT
IB
−0.2
+1.2
+2
−0.2
+1.2
+2.8
nA
INPUT NOISE VOLTAGE
en
fO = 1 Hz to 100 Hz2
118
150
118
150
nV rms
INPUT NOISE CURRENT
in
fO = 1 Hz to 100 Hz2
3
8
3
8
pA rms
INPUT RESISTANCE
Differential Mode3
RIN
26
45
18.5
45
MΩ
INPUT RESISTANCE COMMON MODE
RINCM
200
200
GΩ
INPUT VOLTAGE RANGE4
IVR
±13
±14
±13
±14
V
COMMON-MODE REJECTION RATIO
CMRR
VCM = ±13 V
130
140
115
140
dB
POWER SUPPLY REJECTION RATIO
PSRR
VS = ±3 V to ±18 V
115
125
110
120
dB
LARGE SIGNAL VOLTAGE GAIN
AVO
RL ≥ 2 kΩ, VO = ±10 V5
5000
12,000
2000
6000
V/mV
OUTPUT VOLTAGE SWING
VO
RL ≥ 10 kΩ
±13.5
±14.0
±13.5
±14.0
V
RL ≥ 2 kΩ
±12.5
±13.0
±12.5
±13.0
V
RL ≥ 1 kΩ
±12.0
±12.5
±12.0
±12.5
V
SLEW RATE2
SR
RL ≥ 2 kΩ
0.1
0.3
0.1
0.3
V/μs
CLOSED-LOOP BANDWIDTH2
BW
AVCL = 1
0.4
0.6
0.4
0.6
MHz
OPEN-LOOP OUTPUT RESISTANCE
RO
60
60
Ω
POWER CONSUMPTION
PD
VS = ±15 V, no load
50
60
50
60
mW
VS = ±3 V, no load
3.5
4.5
3.5
4.5
mW
SUPPLY CURRENT
ISY
VS = ±15 V, no load
1.6
2
1.6
2
mA
OFFSET ADJUSTMENT RANGE
RP = 20 kΩ
±3
±3
mV
1
Long-term input offset voltage stability refers to the averaged trend line of VOS vs. time over extended periods after the first 30 days of operation. Excluding the initial
hour of operation, changes in VOS during the first 30 operating days are typically less than 2.0 μV.
2
Sample tested.
3
Guaranteed by design.
4
Guaranteed by CMRR test condition.
5
To ensure high open-loop gain throughout the ±10 V output range, AVO is tested at −10 V ≤ VO ≤ 0 V, 0 V ≤ VO ≤ +10 V, and –10 V ≤ VO ≤ +10 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com