Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP177FSZ Datasheet(PDF) 8 Page - Analog Devices

Part # OP177FSZ
Description  Ultraprecision Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP177FSZ Datasheet(HTML) 8 Page - Analog Devices

Back Button OP177FSZ Datasheet HTML 4Page - Analog Devices OP177FSZ Datasheet HTML 5Page - Analog Devices OP177FSZ Datasheet HTML 6Page - Analog Devices OP177FSZ Datasheet HTML 7Page - Analog Devices OP177FSZ Datasheet HTML 8Page - Analog Devices OP177FSZ Datasheet HTML 9Page - Analog Devices OP177FSZ Datasheet HTML 10Page - Analog Devices OP177FSZ Datasheet HTML 11Page - Analog Devices OP177FSZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP177
Data Sheet
Rev. H | Page 8 of 16
1000
100
10
1
1
10
100
1k
FREQUENCY (Hz)
TA = 25°C
VS = ±15V
RS1 = RS2 = 200kΩ
THERMAL NOISE OF SOURCE
RESISTORS INCLUDED
EXCLUDED
RS = 0
Figure 18. Total Input Noise Voltage vs. Frequency
10
1
0.1
100
1k
10k
100k
BANDWIDTH (Hz)
TA = 25°C
VS = ±15V
Figure 19. Input Wideband Noise vs. Bandwidth
(0.1 Hz to Frequency Indicated)
FREQUENCY (Hz)
0
1k
4
8
12
16
20
24
28
32
10k
100k
1M
TA = 25°C
VS = ±15V
Figure 20. Maximum Output Swing vs. Frequency
20
15
10
5
0
100
1k
10k
LOAD RESISTANCE T
O GROUND (Ω)
TA = 25°C
VS = +15V
VIN = ±10mV
POSITIVE SWING
NEGATIVE SWING
Figure 21. Maximum Output Voltage vs. Load Resistance
TA = 25°C
VS = ±15V
40
35
30
25
20
15
0
1
2
3
4
TIME FROM OUTPUT BEING SHORTED (Minutes)
+ISC
–ISC
Figure 22. Output Short-Circuit Current vs. Time
1.50
0
0.25
0.50
0.75
1.00
1.25
–16
–14
–10
–6
–2
2
6
10
14
VCM (V)
TA = 25°C
VS = ±15V
IB1– (nA)
IB2– (nA)
IB3– (nA)
IB1+ (nA)
IB2+ (nA)
IB3+ (nA)
Figure 23. Input Bias (IB) vs. Common-Mode Voltage (VCM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com