Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77778-R1 Datasheet(PDF) 15 Page - VAT Group AG

Part # 77778-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77778-R1 Datasheet(HTML) 15 Page - VAT Group AG

Back Button 77778-R1 Datasheet HTML 11Page - VAT Group AG 77778-R1 Datasheet HTML 12Page - VAT Group AG 77778-R1 Datasheet HTML 13Page - VAT Group AG 77778-R1 Datasheet HTML 14Page - VAT Group AG 77778-R1 Datasheet HTML 15Page - VAT Group AG 77778-R1 Datasheet HTML 16Page - VAT Group AG 77778-R1 Datasheet HTML 17Page - VAT Group AG 77778-R1 Datasheet HTML 18Page - VAT Group AG 77778-R1 Datasheet HTML 19Page - VAT Group AG  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
15/19
5.1.1
Procedures
1. Precondition for all maintenance work
Vent both valve chambers
Open gate valve
Shut off air supply and electrical power
Disconnect all cables to the actuator
2. Removal of the gate assembly (4) / Replacement of the crank bolt (6) / Replacement of the bonnet seal (3)
Unfasten the bonnet screws (1)
Remove the bonnet plate (2) and the bonnet seal (3)
Pull the lever (17) a little bit out of the bonnet opening
Loosen the hexagonal socket-head bolt (7) for the crank bolt (6)
Remove the crank bolt (6), while lifting the gate assembly (4) a little bit if necessary
Slide out the gate assembly (4) carefully from the body and put it on a clean workshop place
Re-assemble in reverse direction
Fasten the screws (1) crosswise with equal torque:
14 Nm (10 lbf ft) with DN 63 - 100
18 Nm (13 lbf ft) with DN 160 - 400
3. Replacement of the gate O-ring (5)
Put a suitable tool beneath the O-ring at the venting hole and lift the O-ring carefully out of the groove (take care
that the groove will not be damaged)
Clean groove and sealing surface
Install new O-ring by pressing it crosswise uniformly into the groove. Make sure, the O-ring is
not twisted (pay
attention to the seam of the O-ring)
4. Replacement of the ball bearings (24)
DN 63, DN 160 - 200: Replace the complete ball bearing assembly (DN 63: 1 pc, DN 160 - 200: 2 pcs)
DN 100, DN 250 - 400: Replace each single ball bearing and pull out the its centre ring (4 pcs)
5. Replacement of the locking balls (21)
Put the gate assembly (4) carefully on a clean workshop place with the O-ring side to the bottom
DN 63: Push center spring down and dismount two-piece circlip from the center bearing. Lift off ball guide plate
DN 100 - 400: Unscrew the hexagonal nuts (19). Lift off counter plate (20) and ball guide plate (18)
Remove the locking balls (21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com