Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77778-R1 Datasheet(PDF) 9 Page - VAT Group AG

Part # 77778-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77778-R1 Datasheet(HTML) 9 Page - VAT Group AG

Back Button 77778-R1 Datasheet HTML 5Page - VAT Group AG 77778-R1 Datasheet HTML 6Page - VAT Group AG 77778-R1 Datasheet HTML 7Page - VAT Group AG 77778-R1 Datasheet HTML 8Page - VAT Group AG 77778-R1 Datasheet HTML 9Page - VAT Group AG 77778-R1 Datasheet HTML 10Page - VAT Group AG 77778-R1 Datasheet HTML 11Page - VAT Group AG 77778-R1 Datasheet HTML 12Page - VAT Group AG 77778-R1 Datasheet HTML 13Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
9/19
2.2.6
Electrical connection
Verify that mains voltage matches voltage stated on the solenoid! Sockets for position indicator and solenoid are supplied
with the valve.
Do not touch electrical parts under voltage!
Electrical power may only be connected if:
valve has been installed into the vacuum system
moving parts cannot be touched
Wire solenoid and position indicator according to the following diagrams.
Solenoid
Position indicator for 3 positions
2
1
1
2
power
2
1
1
2
MV
MV
Lz
Lg
Lo
3
4
5
6
2
1
6
5
4
3
2
1
MV1 = solenoid for main cylinder (next to pneumatics)
MV2 = solenoid for auxiliary cylinder
Lo = position indicator «open»
Lg = position indicator «closed»
Lz = position indicator for intermediate position
Control logic for actuator on valve
seat side (A-side)
MV1
MV2
Control logic for actuator on valve
seat side (B-side)
MV1
MV2
open position
+
+
open position
+
+
intermediate position
+
-
intermediate position
-
+
closed position
-
-
closed position
-
-
+ = solenoid coil supplied with current
+ = solenoid coil supplied with current
- = solenoid coil not supplied with current
- = solenoid coil not supplied with current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com