Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77778-R1 Datasheet(PDF) 12 Page - VAT Group AG

Part # 77778-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77778-R1 Datasheet(HTML) 12 Page - VAT Group AG

Back Button 77778-R1 Datasheet HTML 8Page - VAT Group AG 77778-R1 Datasheet HTML 9Page - VAT Group AG 77778-R1 Datasheet HTML 10Page - VAT Group AG 77778-R1 Datasheet HTML 11Page - VAT Group AG 77778-R1 Datasheet HTML 12Page - VAT Group AG 77778-R1 Datasheet HTML 13Page - VAT Group AG 77778-R1 Datasheet HTML 14Page - VAT Group AG 77778-R1 Datasheet HTML 15Page - VAT Group AG 77778-R1 Datasheet HTML 16Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
12/19
3.2
Operation under increased temperature
See «1.1 Technical data»
3.3
Behavior in case of differential pressure
Note: Do not open the valve, if the differential pressure on the gate is larger than 30 mbar.
3.4
Behavior in case of compressed air failure
Valve closed:
valve stays closed and leaktight
Valve open or Intermediate position: valve stays open or moves into closed (not leaktight) position, depending on the
mounting position
3.5
Behavior in case of power failure
Standard solenoids: valve closes
Impulse solenoids:
valve moves to the position of last command and stays in this position
The solenoids can be actuated manually in case of power failure according to the following instructions:
Standard solenoid valve
Solenoid for impulse actuation (option)
Emergency
operation screw
Emergency
operation screw
SV1
SV2
5
1
3
To open the valve:
Turn emergency operation screw fully clockwise
To close the valve:
Turn emergency operation screw fully counter-
clockwise
Attention!
Remote operation is only possible when the screw is
turned fully counter-clockwise
To open the valve:
Turn emergency operation screws of coils «SV1»
clockwise to mechanical stop. Turn back emergency
operation screws counter-clockwise as soon the valve
is open
To close the valve:
Turn emergency operation screws of coils «SV2»
clockwise to mechanical stop. Turn back emergency
operation screws counter-clockwise as soon the valve
is closed
Attention!
Remote operation is only possible when both screws
are turned fully counter-clockwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com