Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77778-R1 Datasheet(PDF) 2 Page - VAT Group AG

Part # 77778-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77778-R1 Datasheet(HTML) 2 Page - VAT Group AG

  77778-R1 Datasheet HTML 1Page - VAT Group AG 77778-R1 Datasheet HTML 2Page - VAT Group AG 77778-R1 Datasheet HTML 3Page - VAT Group AG 77778-R1 Datasheet HTML 4Page - VAT Group AG 77778-R1 Datasheet HTML 5Page - VAT Group AG 77778-R1 Datasheet HTML 6Page - VAT Group AG 77778-R1 Datasheet HTML 7Page - VAT Group AG 77778-R1 Datasheet HTML 8Page - VAT Group AG 77778-R1 Datasheet HTML 9Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
2/19
Imprint:
Manufacturer
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Website
www.vatvalve.com
Phone
+41 81 771 61 61
Fax
+41 81 771 48 30
Email
CH@vatvalve.com
Publisher
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Editor
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Print
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Copyright
© VAT Vakuumventile AG 2008
No part of these Instructions may be reproduced in any way (photocopies, microfilms or any
other reproduction processes) nor may it be manipulated with electronic systems, duplicated or
distributed without written permission from VAT. Offenders are liable to pay damages.
The original VAT firmware and updated state of the art versions of the VAT firmware are
intended for use with VAT products. The VAT firmware contains a limited, time unlimited user
license. The VAT firmware may not be used for purposes other than those intended nor is it
permitted to make copies of the VAT firmware. In particular, it is strictly forbidden to give copies
of the VAT firmware to other people.
The use of trade names, brand names, trademarks, etc. in these Instructions does not entitle
third parties to consider these names to be unprotected and to use them freely. This is in
accordance with the meaning of the laws and acts covering brand names and trademarks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com