Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

77778-R1 Datasheet(PDF) 5 Page - VAT Group AG

Part # 77778-R1
Description  Control Gate Valve
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAT [VAT Group AG]
Direct Link  https://www.vatvalve.com/
Logo VAT - VAT Group AG

77778-R1 Datasheet(HTML) 5 Page - VAT Group AG

  77778-R1 Datasheet HTML 1Page - VAT Group AG 77778-R1 Datasheet HTML 2Page - VAT Group AG 77778-R1 Datasheet HTML 3Page - VAT Group AG 77778-R1 Datasheet HTML 4Page - VAT Group AG 77778-R1 Datasheet HTML 5Page - VAT Group AG 77778-R1 Datasheet HTML 6Page - VAT Group AG 77778-R1 Datasheet HTML 7Page - VAT Group AG 77778-R1 Datasheet HTML 8Page - VAT Group AG 77778-R1 Datasheet HTML 9Page - VAT Group AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Installation, Operating & Maintenance Instructions
Series 64, DN 63-400 (I.D. 21/2" - 16")
VAT Vakuumventile AG, CH-9469 Haag, Switzerland
Tel +41 81 771 61 61 Fax +41 81 771 48 30 CH@vatvalve.com www.vatvalve.com
219034EM
2013-08-27
5/19
2
Installation
2.1
Installation into the system
The valve seat side is indicated by the symbol:
on the connection flange.
2.2
Connections
2.2.1
Tightening torque for mounting screws on flanges
1. Mounting with centering ring
Tighten mounting screws of the flanges uniformly in crosswise order. Observe the maximum torque levels in the following
table. Higher tightening torques deform the valve body and can lead to an improper function of the valve.
DN
max. tightening torque
(Nm)
max. tightening torque
(lbs . ft)
mm
inch
ISO-F
JIS
ASA-LP
ISO-F
JIS
ASA-LP
63/100
4
8
– 10
8
– 10
8
– 10
6
– 8
6
– 8
6
– 8
160
6
13
– 15
13
– 15
20
– 30
9
– 11
9
– 11
15
– 22
200
8
13
– 15
13
– 15
20
– 30
9
– 11
9
– 11
15
– 22
250
10
17
– 20
17
– 20
40
– 60
13
– 15
13
– 15
30
– 44
320
350
12
14
17
– 20
17
– 20
40
– 60
13
– 15
13
– 15
30
– 44
400
16
17
– 20
30
– 35
55
– 80
13
– 15
22
– 26
41
– 59
2. Mounting with O-ring in groove
Tighten mounting screws of the flanges uniformly in crosswise order.
Observe the maximum torque according to the grade of screws and depth of
thread you use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com