Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 125 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 125 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 121Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 122Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 123Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 124Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 125Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 126Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 127Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 128Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 129Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 123
PIC18FXX8
15.0
CAPTURE/COMPARE/PWM
(CCP) MODULES
The CCP (Capture/Compare/PWM) module contains a
16-bit register that can operate as a 16-bit Capture
register, as a 16-bit Compare register or as a PWM
Duty Cycle register.
The operation of the CCP module is identical to that
of the ECCP module (discussed in detail in
Section 16.0 “Enhanced Capture/Compare/PWM
(ECCP) Module”) with two exceptions. The CCP
module has a Capture special event trigger that can be
used as a message received time-stamp for the CAN
module (refer to Section 19.0 “CAN Module” for CAN
operation) which the ECCP module does not. The
ECCP module, on the other hand, has Enhanced PWM
functionality and auto-shutdown capability. Aside from
these, the operation of the module described in this
section is the same as the ECCP.
The control register for the CCP module is shown in
Register 15-1. Table 15-2 (following page) details the
interactions of the CCP and ECCP modules.
REGISTER 15-1:
CCP1CON: CCP1 CONTROL REGISTER
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
DC1B1
DC1B0
CCP1M3
CCP1M2
CCP1M1
CCP1M0
bit 7
bit 0
bit 7-6
Unimplemented: Read as ‘0’
bit 5-4
DCxB1:DCxB0: PWM Duty Cycle bit 1 and bit 0
Capture mode:
Unused.
Compare mode:
Unused.
PWM mode:
These bits are the two LSbs (bit 1 and bit 0) of the 10-bit PWM duty cycle. The upper eight bits
(DCx9:DCx2) of the duty cycle are found in CCPRxL.
bit 3-0
CCPxM3:CCPxM0: CCPx Mode Select bits
0000
= Capture/Compare/PWM off (resets CCPx module)
0001
= Reserved
0010
= Compare mode, toggle output on match (CCPxIF bit is set)
0011
= Capture mode, CAN message received (CCP1 only)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, initialize CCP pin low, on compare match force CCP pin high
(CCPIF bit is set)
1001
= Compare mode, initialize CCP pin high, on compare match force CCP pin low
(CCPIF bit is set)
1010
= Compare mode, CCP pin is unaffected
(CCPIF bit is set)
1011
= Compare mode, trigger special event (CCP1IF bit is set; CCP resets TMR1 or TMR3
and starts an A/D conversion if the A/D module is enabled)
11xx
=PWM mode
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com