Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F258-E/PSQTP Datasheet(PDF) 127 Page - Microchip Technology

Part # PIC18F258-E/PSQTP
Description  28/40-Pin High-Performance, Enhanced Flash Microcontrollers with CAN Module
PDF  402 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F258-E/PSQTP Datasheet(HTML) 127 Page - Microchip Technology

Back Button PIC18F258-E/PSQTP Datasheet HTML 123Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 124Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 125Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 126Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 127Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 128Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 129Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 130Page - Microchip Technology PIC18F258-E/PSQTP Datasheet HTML 131Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 402 page
background image
© 2006 Microchip Technology Inc.
DS41159E-page 125
PIC18FXX8
15.2.3
SOFTWARE INTERRUPT
When the Capture mode is changed, a false capture
interrupt may be generated. The user should keep bit
CCP1IE (PIE registers) clear to avoid false interrupts
and should clear the flag bit CCP1IF, following any
such change in operating mode.
15.2.4
CCP1 PRESCALER
There are four prescaler settings specified by bits
CCP1M3:CCP1M0. Whenever the CCP1 module is
turned off, or the CCP1 module is not in Capture mode,
the prescaler counter is cleared. This means that any
Reset will clear the prescaler counter.
Switching from one capture prescaler to another may
generate an interrupt. Also, the prescaler counter will
not be cleared; therefore, the first capture may be from
a non-zero prescaler. Example 15-1 shows the recom-
mended
method
for
switching
between
capture
prescalers. This example also clears the prescaler
counter and will not generate the “false” interrupt.
15.2.5
CAN MESSAGE TIME-STAMP
The CAN capture event occurs when a message is
received in either of the receive buffers. The CAN
module provides a rising edge to the CCP1 module to
cause a capture event. This feature is provided to
time-stamp the received CAN messages.
This feature is enabled by setting the CANCAP bit of
the CAN I/O control register (CIOCON<4>). The
message receive signal from the CAN module then
takes the place of the events on RC2/CCP1.
EXAMPLE 15-1:
CHANGING BETWEEN
CAPTURE PRESCALERS
FIGURE 15-1:
CAPTURE MODE OPERATION BLOCK DIAGRAM
CLRF
CCP1CON, F
; Turn CCP module off
MOVLW
NEW_CAPT_PS
; Load WREG with the
; new prescaler mode
; value and CCP ON
MOVWF
CCP1CON
; Load CCP1CON with
; this value
Note: I/O pins have diode protection to VDD and VSS.
CCPR1H
CCPR1L
TMR1H
TMR1L
Set Flag bit CCP1IF
(PIR1<2>)
TMR3
Enable
Qs
CCP1CON<3:0>
CCP1 pin
Prescaler
÷ 1, 4, 16
and
Edge Detect
TMR3H
TMR3L
TMR1
Enable
T3ECCP1
T3CCP1
T3ECCP1
T3CCP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com