Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8002ARMZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD8002ARMZ
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002ARMZ Datasheet(HTML) 3 Page - Analog Devices

  AD8002ARMZ Datasheet HTML 1Page - Analog Devices AD8002ARMZ Datasheet HTML 2Page - Analog Devices AD8002ARMZ Datasheet HTML 3Page - Analog Devices AD8002ARMZ Datasheet HTML 4Page - Analog Devices AD8002ARMZ Datasheet HTML 5Page - Analog Devices AD8002ARMZ Datasheet HTML 6Page - Analog Devices AD8002ARMZ Datasheet HTML 7Page - Analog Devices AD8002ARMZ Datasheet HTML 8Page - Analog Devices AD8002ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
AD8002
Rev. E | Page 3 of 21
SPECIFICATIONS
At TA = 25°C, VS = ±5 V, RL = 100 Ω, RC1 = 75 Ω, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Small Signal Bandwidth
R Package
G = +2, RF = 681 Ω
500
MHz
G = +1, RF = 953 Ω
600
MHz
RM Package
G = +2, RF = 681 Ω
500
MHz
G = +1, RF = 1 kΩ
600
MHz
Bandwidth for 0.1 dB Flatness
R Package
G = +2, RF = 681 Ω
90
MHz
RM Package
G = +2, RF = 681 Ω
60
MHz
Slew Rate
G = +2, VOUT = 2 V step
700
V/µs
G = −1, VOUT = 2 V step
1200
V/µs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
16
ns
Rise and Fall Time
G = +2, VOUT = 2 V step, RF = 750 Ω
2.4
ns
NOISE/HARMONIC PERFORMANCE
Total Harmonic Distortion (THD)
fC = 5 MHz, VOUT = 2 V p-p, G = +2, RL = 100 Ω
−65
dBc
Crosstalk (Output to Output)
f = 5 MHz, G = +2
−60
dB
Input Voltage Noise
f = 10 kHz, RC = 0 Ω
2.0
nV/√Hz
Input Current Noise
f = 10 kHz, +IN1,+IN2
2.0
pA/√Hz
f = 10 kHz, −IN1, −IN2
18
pA/√Hz
Differential Gain Error
NTSC, G = +2, RL = 150 Ω
0.01
%
Differential Phase Error
NTSC, G = +2, RL = 150 Ω
0.02
Degrees
Third-Order Intercept
f1= 10 MHz
33
dBm
1 dB Gain Compression
f = 10 MHz
14
dBm
Spurious-Free Dynamic Range (SFDR)
f = 5 MHz
−66
dB
DC PERFORMANCE
Input Offset Voltage
2.0
6
mV
TMIN to TMAX
2.0
9
mV
Offset Drift
10
µV/°C
Input Bias Current (−IN1, −IN2)
−25
+5.0
+25
µA
TMIN to TMAX
−35
+35
µA
Input Bias Current (+IN1, +IN2)
−6.0
+3.0
+6.0
µA
TMIN to TMAX
−10
+10
µA
Open-Loop Transresistance
VOUT = ±2.5 V
250
900
kΩ
TMIN to TMAX
175
kΩ
INPUT CHARACTERISTICS
Input Resistance
+IN1, +IN2
10
MΩ
−IN1, −IN2
50
Ω
Input Capacitance
+IN1, +IN2
1.5
pF
Input Common-Mode Voltage Range
±3.2
V
Common-Mode Rejection Ratio
Offset Voltage
VCM = ±2.5 V
49
54
dB
Input Current (−IN1, −IN2)
VCM = ±2.5 V, TMIN to TMAX
0.3
1.0
µA/V
Input Current (+IN1, +IN2)
VCM = ±2.5 V, TMIN to TMAX
0.2
0.9
µA/V
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 150 Ω
±2.7
±3.1
V
Output Current2
70
mA
Short-Circuit Current2
85
110
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com